Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5224B Datasheet(PDF) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # 1N5224B
Description  Low zener impedance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

1N5224B Datasheet(HTML) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  1N5224B Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1N5224B Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1N5224B Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
500
400
300
200
100
0
0
50
100
150
200
250
RATINGS AND CHARACTERISTIC CURVES 1N52 SERIES
50
40
30
20
10
0
5
10
15
20
25
30
mA
Breakdown characteristics
Test Current
Iz=20mA
V
Vz,ZENER VOLTAGE,volts
Admissible power dissipation versus ambient temperature
Valid provided that leads are kept at ambient temperature at a distance of 10mm from case
AMBIENT TEMPERATURE, C
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!


Similar Part No. - 1N5224B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5224B VISHAY-1N5224B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5224B MCC-1N5224B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Vishay Siliconix
1N5224B VISHAY-1N5224B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Fairchild Semiconductor
1N5224B FAIRCHILD-1N5224B Datasheet
193Kb / 4P
   Zeners
logo
Yea Shin Technology Co....
1N5224B YEASHIN-1N5224B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - 1N5224B

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
DL47 CHENDA-DL47 Datasheet
852Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
3KP JIEJIE-3KP Datasheet
222Kb / 5P
   Low zener impedance
1.5KE JIEJIE-1.5KE Datasheet
218Kb / 5P
   Low zener impedance.
logo
Microdiode Electronics ...
1N47 CHENDA-1N47 Datasheet
721Kb / 3P
   Low zener impedance
DL52 CHENDA-DL52 Datasheet
758Kb / 3P
   Low zener impedance
BZX85C CHENDA-BZX85C Datasheet
757Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
SA5.0A JIEJIE-SA5.0A Datasheet
216Kb / 5P
   Low zener impedance
logo
Microdiode Electronics ...
BZX55C CHENDA-BZX55C Datasheet
695Kb / 3P
   Low zener impedance
logo
Shanghai Leiditech Elec...
BZG03-C10 LEIDITECH-BZG03-C10 Datasheet
418Kb / 3P
   Low Zener impedance at low current
logo
Gaomi Xinghe Electronic...
1N4727 GXELECTRONICS-1N4727 Datasheet
1Mb / 5P
   Small current low zener impedance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com