Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4002G Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # 1N4002G
Description  GLASS PASSIVATED SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

1N4002G Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  1N4002G Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1N4002G Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 1N4001G THRU 1N4007G
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
30
25
20
15
10
5.0
0.6
0.8
1.0
1.2
1.4
1.5
0.1
1.0
10
100
0.01
0.1
1
10
100
100
10
1
0.1
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0.01
0.1
1
20
10
TJ=25 C
PULSE WIDTH=300
µs
1%DUTY CYCLE
TJ=25 C
1
10
100
200
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
TJ=150 C
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!


Similar Part No. - 1N4002G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4002G PHILIPS-1N4002G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4002G CHENDA-1N4002G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Diotech Company.
1N4002G DIOTECH-1N4002G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
DIOTEC Electronics Corp...
1N4002G DEC-1N4002G Datasheet
826Kb / 2P
   Glass Passivated Die Construction
logo
Leshan Radio Company
1N4002G LRC-1N4002G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
More results

Similar Description - 1N4002G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Changzhou Shunye Electr...
1N4001G SY-1N4001G Datasheet
232Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
6A05G SY-6A05G Datasheet
1,002Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
SBM4001PT CHENMKO-SBM4001PT Datasheet
72Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Shunye Enterprise
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5400G SHUNYE-1N5400G_17 Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY127G SHUNYE-BY127G_17 Datasheet
991Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5391G SHUNYE-1N5391G Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY251G SHUNYE-BY251G Datasheet
995Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Sangdest Microelectroni...
RL201G SMC-RL201G Datasheet
210Kb / 4P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Microdiode Electronics ...
1N4001G CHENDA-1N4001G_V01 Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com