Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2001CDGK Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2001CDGK
Description  Current Limited, Power-Distribution Switches
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2001CDGK Datasheet(HTML) 5 Page - Texas Instruments

  TPS2001CDGK Datasheet HTML 1Page - Texas Instruments TPS2001CDGK Datasheet HTML 2Page - Texas Instruments TPS2001CDGK Datasheet HTML 3Page - Texas Instruments TPS2001CDGK Datasheet HTML 4Page - Texas Instruments TPS2001CDGK Datasheet HTML 5Page - Texas Instruments TPS2001CDGK Datasheet HTML 6Page - Texas Instruments TPS2001CDGK Datasheet HTML 7Page - Texas Instruments TPS2001CDGK Datasheet HTML 8Page - Texas Instruments TPS2001CDGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
1
OUT
2
GND
3
FLT
4
EN/EN
5
IN
5
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
www.ti.com
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
DBV Package
5-Pin SOT-23
Top View
Pin Functions - 5 Pins
PIN
I/O
DESCRIPTION
NAME
NO.
EN/EN
4
I
Enable input, logic high turns on power switch
FLT
3
O
Active-low open-drain output, asserted during overcurrent, or overtemperature conditions
GND
2
Ground connection
IN
5
PWR
Input voltage and power-switch drain; connect a 0.1-µF or greater ceramic capacitor from IN to GND
close to the IC
OUT
1
PWR
Power-switch output, connect to load.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Absolute maximum ratings apply over recommended junction temperature range.
(3)
Voltages are with respect to GND unless otherwise noted.
(4)
See Input and Output Capacitance.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
Voltage on IN, OUT, EN or EN, FLT (4)
–0.3
6
V
Voltage from IN to OUT
–6
6
V
Maximum junction temperature, TJ
Internally Limited
Storage temperature, Tstg
–60
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(3)
VOUT was surged on a PCB with input and output bypassing per the Typical Application Diagram on the first page (except input
capacitor was 22 µF) with no device failures.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
IEC 61000-4-2 contact discharge
±8000
IEC 61000-4-2 air-gap discharge(3)
±15000


Similar Part No. - TPS2001CDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2001CDGK TI1-TPS2001CDGK Datasheet
1Mb / 29P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2001CDGKR TI-TPS2001CDGKR Datasheet
1Mb / 32P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2001CDGKR TI-TPS2001CDGKR Datasheet
1Mb / 32P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2001CDGKR TI1-TPS2001CDGKR Datasheet
1Mb / 29P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2001CDGK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com