Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB28F Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # KMB28F
Description  Schottky Surface Mount Flat Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

KMB28F Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  KMB28F Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. KMB28F Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBF
FEATURES
· Surge overload rating: 30 amperes peak
· Ideal for printed circuit board
· Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
· Low leakage
· Reliable low cost construction utilizing molded
MECHANICAL DATA
Case: Molded plastic, MBF
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-202,
method 208 guaranteed
Mounting position: Any
Dimensions in inches and (millimeters)
.008(0.2)
.030(0.75)
.018(0.45)
.106(2.7)
.09(2.3)
.197(5.0)
.181(4.6)
.063(1.6)
.047(1.2)
C0.5
.014(.35)
.006(.15)
.071(1.8)
.055(1.4)
-
+
~ ~
KMB22F THRU KMB210F
Schottky Surface Mount Flat Bridge R ectifier
Reverse Voltage - 20 to 100 Volts
Forward Current - 2.0 Amperes
Symbol KMB22F KMB24F KMB26F KMB28F KMB210F UNIT
VRRM
20
40
60
80
100
V
VRMS
14
28
42
56
70
V
VDC
20
40
60
80
100
V
IF(AV)
A
IFSM
A
VF
0.50
0.55
0.70
V
IR
mA
CJ
pF
RθJA
RθJL
℃/ W
TJ
TSTG
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.2
×0.2"(5.0×5.0mm)copper pad area
2.0
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
50
Maximum instantaneous forwad voltage at 2.0A
0.85
–55 to +125
Maximum DC reverse current
TA = 25 ℃
at Rated DC blocking voltage
TA = 100℃
0.5
20
Typical Junction Capacitance at 4.0V,1.0MHz
250
125
Storage temperature range
– 55 to +150
Typical Thermal resistance (Note1)
85
20
Operating junction temperature range
Note:1.Thermal resistance from junction to ambient and from junction to lead P.C.B.mounted on 0.2
×0.2"(5.0×5.0mm)copper pad areas.
MDD Catalog Number
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave 60Hz,resistive or inductive load,for current capacitive load, derate by 20%.


Similar Part No. - KMB28F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
KMB28F JUXING-KMB28F Datasheet
926Kb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
logo
PACELEADER INDUSTRIAL
KMB28F PACELEADER-KMB28F Datasheet
293Kb / 2P
   MINI SURFACE MOUNT SCHOTTKKY Y BARRIER
logo
Zibo Seno Electronic En...
KMB28F ZSELEC-KMB28F Datasheet
394Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Microdiode Electronics ...
KMB28F CHENDA-KMB28F Datasheet
458Kb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
logo
Guangdong Juxing Electr...
KMB28F JUXING-KMB28F Datasheet
951Kb / 2P
   Surface Mount Schottky Bridge Rectifiers
More results

Similar Description - KMB28F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
KMB22FGW JUXING-KMB22FGW Datasheet
916Kb / 2P
   schottky Surface Mount Flat Bridge Rectifier
logo
List of Unclassifed Man...
MBF2 ETC2-MBF2 Datasheet
526Kb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
logo
Microdiode Electronics ...
MB22S CHENDA-MB22S Datasheet
683Kb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
logo
Guangdong Juxing Electr...
KMB22F JUXING-KMB22F Datasheet
926Kb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
logo
Microdiode Electronics ...
KMB24F CHENDA-KMB24F_V01 Datasheet
458Kb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
MB24S CHENDA-MB24S_V01 Datasheet
424Kb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
logo
Guangdong Juxing Electr...
KMB12FGW JUXING-KMB12FGW Datasheet
1Mb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
logo
Shenzhen Luguang Electr...
MBF10 LUGUANG-MBF10 Datasheet
526Kb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
logo
Microdiode Electronics ...
KMB12F CHENDA-KMB12F Datasheet
510Kb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
KMB12F PFS-KMB12F Datasheet
374Kb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com