Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4004 Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # LM4004
Description  SURFACE MOUNT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

LM4004 Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  LM4004 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. LM4004 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
4001
4003
4004
4005
4006
4007
Maximum recurrent peak reverse voltage
VRRM
50
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
200
400
600
800
1000
V
Maximum average forword
rectified current
TA=75℃
Peak forward surge current 8.3ms single
half-sine-wave superimposed
on rated load (JEDEC method)
Maximum forward voltage at 1.0A
VF
V
Maximum DC reverse current
@TA=25℃
at rated DC blockjing voltage @TA=125℃
Typical junction capacitance (NOTE 1)
Cj
pF
Typical thermal resistance
(NOTE 2)
RjθL
℃/W
Typical thermal resistance
(NOTE 3)
RjθA
℃/W
Operating temperature range
Tj
Storage temperature range
TSTG
2. Thermal resistance junction to lead, 6.0 mm
2 coppeer pads to each terminal.
3. Thermal resistance junction to ambient, 6.0 mm
2 coppeer pads to each terminal.
REVERSE VOLTAGE: 50 - 1000 V
IFSM
1.1
LM
LM
LM
- 65 --- + 175
A
CURRENT: 1.0 A
70
100
SURFACE MOUNT RECTIFIER
S
μA
15
25
75
30
4002
UNITS
LM
LM
LM
LM
50
100
5.0
NOTES:1. Measured at 1.0MHz and applied average voltage of 4.0V DC.
A
IR
- 65 --- + 175
I(AV)
1.0
Dimensions in millimeters
LM4001 THRU LM4007
MDD Catalog Number
Case: MiniMELF(DO-213AA), molded plastic body
Terminals: Lead solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
The plastic package carries Underwrites Laboratory
Flammability classification 94V-0
For surface mounted application
MiniMELF (DO-213AA)


Similar Part No. - LM4004

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LM4004 SEMTECH_ELEC-LM4004 Datasheet
280Kb / 2P
   SURFACE MOUNT SILICON RECTIFIERS
logo
LightKey Optoelectronic...
LM40044AB LIGHTKEY-LM40044AB Datasheet
133Kb / 3P
   4.00 inch 4x4 Dot Matrix LED Display
LM40044ABRG LIGHTKEY-LM40044ABRG Datasheet
108Kb / 3P
   4.00 inch 4x4 Dual Color Dot Matrix LED Display
LM40044ARG LIGHTKEY-LM40044ARG Datasheet
108Kb / 3P
   4.00 inch 4x4 Dual Color Dot Matrix LED Display
LM40044AURUG LIGHTKEY-LM40044AURUG Datasheet
108Kb / 3P
   4.00 inch 4x4 Dual Color Dot Matrix LED Display
More results

Similar Description - LM4004

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com