Electronic Components Datasheet Search |
|
SMCJ51A Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd. |
|
SMCJ51A Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd. |
1 / 5 page SMCJ5.0 THRU SMCJ440CA SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Stand-off Voltage: 5.0-440 Volts Peak pulse power: 1500 Watts FEATURE MECHANICAL DATA MAXIMUM RATINGS AND CHARACTERISTICS APPLICATIONS Peak pulse power dissipation at 10/1000μs waveform (Note1, Note2, Fig.1) PPPM Minimum 1500 Watts Peak pulse current of at 10/1000μs waveform (Note 1, Fig.3) IPPM See Table Amps Steady state power dissipation at TA=50℃ (Fig.5) PM(AV) 6.5 Watts Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load, (JEDEC Method) (Note3, Fig.6) IFSM 200 Amps Operating junction and Storage Temperature Range. TJ,TSTG -65 to +150 ℃ R d a e l o t n o it c n u j e c n a t s i s e r l a m r e h t l a c i p y T θJL 15 ℃ /W R t n e i b m a o t n o it c n u j e c n a t s i s e r l a m r e h t l a c i p y T θJA 75 ℃ /W Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2. 2. Mounted on 5.0mm×5.0mm (0.03mm thick) copper pads to each terminal. 3. 8.3ms single half sine-wave, or equivalent square wave, duty cycle=4 pulses per minutes maximum. Ratings at 25℃ ambient temperature unless otherwise specified. I/O interface AC/DC power supply Low frequency signal transmission line (RS232, RS485, etc.) For surface mounted applications in order to optimize board space Low profile package Built-in strain relief Glass passivated junction Low inductance Excellent clamping capability 1500Wpeak pulse power capability at 10/1000μs waveform, repetition rate (duty cycle): 0.01% Fast response time Typical IR less than 1μA above 10V High Temperature soldering: 260 /10 seconds at terminals ℃ Plastic package has underwriters laboratory flammability 94V-0 Case: JEDEC DO-214AA. Molded plastic over glass passivated junction Terminal: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode except bi-directional models Standard Packaging: 12mm tape (EIA STD RS-481) Weight: 0.10g Dimensions in inches and (millimeters) 0.280(7.11) 0.260(6.60) 0.245(6.22) 0.220(5.59) DO-214AB/SMC 0.126 (3.20) 0.114 (2.90) 0.060(1.52) 0.030(0.76) 0.320(8.13) 0.305(7.75) 0.012(0.305) 0.006(0.152) 0.008(0.203)MAX. 0.103(2.62) 0.079(2.06) |
Similar Part No. - SMCJ51A |
|
Similar Description - SMCJ51A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |