Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRX130 Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # MBRX130
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

MBRX130 Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  MBRX130 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MBRX130 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MBRX130 Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBRX120 THRU MBRX160
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 60 Volts Forward Current - 1.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note:
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
20.0
0.55
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=90 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TJ =25 C
at rated DC blocking voltage
Typical junction capacitance (NOTE 1)
IR
0.3
CJ
TJ,
TSTG
30
pF
C
mA
Storage temperature range
C
-50 to +150
-50 to +125
0.5
0.72
MBRX120
MBRX130
MBRX140
MBRX160
20
14
20
30
21
30
40
28
40
60
42
60
MDD Catalog Number
.25(.010)
MIN
SOD-123
1.80(.071)
1.40(.055)
3.86(0.152)
3.56(0.145)
2.84(0.112)
2.54(0.100)
.71(0.028)
.50(0.020)
1.35(.053)
.94(.037)
.15(.006)
MAX
Dimensions in millimeters and (inches)
FEATURES
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Marking: MBRX120:X2, MBRX130:X3,
MECHANICAL DATA
: MBRX140:X4, MBRX160:X6
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Extremely Low Thermal Resistance
For Surface Mount Application
Low Forward Voltage
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0
and MSL rating 1
Lead Free Finish/RoHS Compliant (Note1)("P"Suffix designates
Compliant. See ordering information)


Similar Part No. - MBRX130

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRX130 MCC-MBRX130 Datasheet
113Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
SHIKUES Electronics
MBRX130 SKTECHNOLGY-MBRX130 Datasheet
433Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBRX130 MCC-MBRX130 Datasheet
335Kb / 6P
   1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Shanghai Leiditech Elec...
MBRX130 LEIDITECH-MBRX130 Datasheet
657Kb / 5P
   Lead Free Finish/RoHS Compliant (Note1)("P"Suffix designates Compliant. See ordering information)
logo
Galaxy Semi-Conductor H...
MBRX130 BILIN-MBRX130 Datasheet
225Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBRX130

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com