Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1J Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # GS1J
Description  SURFACE MOUNT GENERAL RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

GS1J Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  GS1J Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. GS1J Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES GS1A THRU GS1M
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
30
25
20
15
10
5.0
0.6
0.8
1.0
1.2
1.4
1.5
0.1
1.0
10
100
0.01
0.1
1
10
100
100
10
1
0.1
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0.01
0.1
1
20
10
TJ=25 C
1
10
100
200
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
TJ=150 C
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
TJ=25 C
PULSE WIDTH=300
µs
1%DUTY CYCLE
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!


Similar Part No. - GS1J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1J PANJIT-GS1J Datasheet
53Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
CHENG-YI ELECTRONIC CO....
GS1J CHENG-YI-GS1J Datasheet
112Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Yangzhou yangjie electr...
GS1J YANGJIE-GS1J Datasheet
360Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Surge Components
GS1J SURGE-GS1J Datasheet
85Kb / 2P
   SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
logo
Taiwan Semiconductor Co...
GS1J TSC-GS1J Datasheet
509Kb / 2P
   1.0 AMPS. Surface Mount Silicon Rectifiers
More results

Similar Description - GS1J

ManufacturerPart #DatasheetDescription
logo
Formosa MS
M1 FORMOSA-M1 Datasheet
118Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
S6A FORMOSA-S6A Datasheet
119Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Bruckewell Technology L...
SOD4001 BWTECH-SOD4001_7 Datasheet
365Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
GS1A SEMTECH_ELEC-GS1A Datasheet
160Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Rugao Dachang Electroni...
S1AL DACHANG-S1AL Datasheet
128Kb / 2P
   Surface Mount General Rectifier
S3A DACHANG-S3A Datasheet
116Kb / 2P
   Surface Mount General Rectifier
logo
Shenzhen Yixinwei Techn...
M1THRUM7 YIXIN-M1THRUM7 Datasheet
133Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Diotech Company.
S5A DIOTECH-S5A Datasheet
727Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Yea Shin Technology Co....
M1-L YEASHIN-M1-L Datasheet
713Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Electronics ...
S3A CHENDA-S3A Datasheet
551Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
S3AF CHENDA-S3AF Datasheet
639Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com