Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z6V2 Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # MM5Z6V2
Description  Zener Voltage Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

MM5Z6V2 Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  MM5Z6V2 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM5Z6V2 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM5Z6V2 Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM5Z6V2 Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Zener Voltage Diodes
MM5Z2V4 SERIES
FEATURES
Zener voltages:2.4V~75V.
Power dissipation PD:100mW.
APPLICATIONS
Voltage protection.
SOD-523
ORDERING INFORMATION
Type No.
Marking
Package Code
MM5Z2V4-MM5Z75V
see table on page 2
SOD-523
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Forward voltage @IF=0.9V
VF
0.9
V
Total power dissipation
Ptot
200
mW
Thermal resistance from junction to ambient RθJA
635
/W
Junction temperature
Tj
150
Storage temperature
Tstg
-65 to +150
Pb
Lead-free
2014-03 01版
http://www.microdiode.com


Similar Part No. - MM5Z6V2

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z6V2 EIC-MM5Z6V2 Datasheet
109Kb / 2P
   ZENER DIODES
logo
Nanjing International G...
MM5Z6V2 DGNJDZ-MM5Z6V2 Datasheet
102Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Leiditech Elec...
MM5Z6V2 LEIDITECH-MM5Z6V2 Datasheet
518Kb / 4P
   Standard Zener Breakdown Voltage Range 2.0 V to 75 V
logo
Weitron Technology
MM5Z6V2 WEITRON-MM5Z6V2 Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Nanjing International G...
MM5Z6V2 DGNJDZ-MM5Z6V2 Datasheet
115Kb / 4P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - MM5Z6V2

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
M5Z15V AITSEMI-M5Z15V Datasheet
572Kb / 8P
   ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
M5Z8V2 AITSEMI-M5Z8V2 Datasheet
572Kb / 8P
   ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
   Zener Voltage Regulator Diodes
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
   VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
   VOLTAGE REGULATOR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com