Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z16V Datasheet(PDF) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # MM5Z16V
Description  Zener Voltage Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

MM5Z16V Datasheet(HTML) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  MM5Z16V Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM5Z16V Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM5Z16V Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM5Z16V Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Zener Voltage Diodes
MM5Z2V4 SERIES
Zener voltage
Zener impedance
Leakage
current
VZ(Volts)
@IZT
ZZT
@IZT
ZZK@IZK
IR@VR
ΘvZ
(mV/k)
@IZK
C
@VR=0
f=1MHz
Type
Number
Device
Marking
Min
Nom
Max
mA
mA
μA
V
Min
Max
pF
MM5Z56V
1D
52
56
60
1
200
500
1.0
0.05
39.2
52.2
63.8
40
MM5Z62V
1E
58
62
66
1
215
500
1.0
0.05
43.4
58.8
71.6
35
MM5Z68V
1F
64
68
72
1
240
500
1.0
0.05
47.6
65.6
79.8
35
MM5Z75V
1G
70
75
79
1
255
500
1.0
0.05
52.5
73.4
88.6
35
PACKAGE OUTLINE
Plastic surface mounted package
SOD-523
SOD-523
Dim
Min
Max
A
1.1
1..3
B
0.7
0.9
C
0.5
0.7
D
0.3 Typical
E
0.15
0.25
J
0.1 Typical
K
1.5
1.7
All Dimensions in mm
2014-03 01版
http://www.microdiode.com


Similar Part No. - MM5Z16V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z16V EIC-MM5Z16V Datasheet
109Kb / 2P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z16V SUNMATE-MM5Z16V Datasheet
381Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Weitron Technology
MM5Z16V WEITRON-MM5Z16V Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Shanghai Shunye Electro...
MM5Z16V SHUNYE-MM5Z16V Datasheet
402Kb / 3P
   200mW SOD-523 SU R F ACE MOUNT Zener Voltage Regulators
logo
Fairchild Semiconductor
MM5Z16V FAIRCHILD-MM5Z16V Datasheet
177Kb / 4P
   Zener Diodes
More results

Similar Description - MM5Z16V

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
M5Z15V AITSEMI-M5Z15V Datasheet
572Kb / 8P
   ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
M5Z8V2 AITSEMI-M5Z8V2 Datasheet
572Kb / 8P
   ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
   Zener Voltage Regulator Diodes
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
   VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
   VOLTAGE REGULATOR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com