Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HK15A-24 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # HK15A-24
Description  Single output 10W~150W?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

HK15A-24 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  HK15A-24 Datasheet HTML 1Page - DENSEI-LAMBDA HK15A-24 Datasheet HTML 2Page - DENSEI-LAMBDA HK15A-24 Datasheet HTML 3Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
21
HK-A-SERIES
Single output 10W ~ 150W
HK10A-3
HK10A-5
HK10A-12
HK10A-15
HK10A-24
HK15A-3
HK15A-5
HK15A-12
HK15A-15
HK15A-24
HK25A-3
HK25A-5
HK25A-12
HK25A-15
HK25A-24
HK10A
HK15A
HK25A
3.3V
5V
12V
15V
24V
3.3V
5V
12V
15V
24V
3.3V
5V
12V
15V
24V
2.0A
2.0A
0.9A
0.7A
0.5A
3.0A
3.0A
1.3A
1.0A
0.7A
5.0A
5.0A
2.1A
1.7A
1.1A
6.6W
10.0W
10.8W
10.5W
12.0W
9.9W
15.0W
15.6W
15.0W
16.8W
16.5W
25.0W
25.2W
25.5W
26.4W
Model name
UL CSA EN
Nominal
output voltage
Max.
output current
Max.
output power
1. Input voltage range
2. Output voltage
range
3. Cooling
4. Operating ambient
temperature
(Standard mounting)
5. Withstand voltage
6. Safety standard
7. EMI
8. Functions
85 ~ 132VAC (47 ~ 440Hz), DC110 ~ 175V
±10%
Convection Cooling
HK10A, 15A, 25A, 50A: 100% at 0 ~ +50°C, 50% at +60°C
HK100A, 150A,: 100% at –10 ~ +50°C, 50% at +60°C
Input–output: 2kVAC, Output–chassis: 2kVAC, Output–chassis: 500VAC for 1 min.
Approved by UL1950
and CSA950(C-UL)
Conforms to FCC class B and VCCI-class B
Over voltage protection, Over current protection, Remote sensing (HK100A, 150A)
Model name
HK 10A-5
Name of series Output power
Nominal output voltage
Specifications
3 year warranty
Product lineup
HK50A-3
HK50A-5
HK50A-12
HK50A-15
HK50A-24
HK100A-3
HK100A-5
HK100A-12
HK100A-15
HK100A-24
HK150A-3
HK150A-5
HK150A-12
HK150A-15
HK150A-24
HK50A
HK100A
HK150A
3.3V
5V
12V
15V
24V
3.3V
5V
12V
15V
24V
3.3V
5V
12V
15V
24V
10.0A
10.0A
4.2A
3.4A
2.2A
20.0A
20.0A
8.5A
7.0A
4.5A
30.0A
30.0A
12.5A
10.0A
6.5A
33.0W
50.0W
50.4W
51.0W
52.8W
66W
100W
102W
105W
108W
99W
150W
150W
150W
156W
Model name
UL CSA EN
Nominal
output voltage
Max.
output current
Max.
output power
: Safety standard approved
∆ : Conforms to safety standard
Request customer specification for further details of specifications, outline, characteristics, etc.
Read the instruction manual before usage.
Contact us about delivery before ordering.
10A: 10W type
150A: 50W type
15A: 15W type
100A: 100W type
25A: 25W type
150A: 150W type
Features
Compact size/Standard power supply
Input: 85 ~ 132VAC
Height: 68mm (10 ~ 50W type)
30 models
3.3V output type is also lined up.
Option: Cover
3 year warranty
HK50A
HK100A
HK150A
HK10A
HK15A
HK25A


Similar Part No. - HK15A-24

ManufacturerPart #DatasheetDescription
logo
EVER-WAY INDUSTRY COMPA...
HK15F EVER-WAY-HK15F Datasheet
225Kb / 5P
   MINIATURE HIGH POWER RELAY
HK15F-DC110V-KHWXG EVER-WAY-HK15F-DC110V-KHWXG Datasheet
225Kb / 5P
   MINIATURE HIGH POWER RELAY
HK15F-DC110V-SHWXG EVER-WAY-HK15F-DC110V-SHWXG Datasheet
225Kb / 5P
   MINIATURE HIGH POWER RELAY
HK15F-DC12V-KHWXG EVER-WAY-HK15F-DC12V-KHWXG Datasheet
225Kb / 5P
   MINIATURE HIGH POWER RELAY
HK15F-DC12V-SHWXG EVER-WAY-HK15F-DC12V-SHWXG Datasheet
225Kb / 5P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HK15A-24

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
VS100B LAMBDA-VS100B Datasheet
234Kb / 3P
   Single output 10W~150W?
ZWS-AF LAMBDA-ZWS-AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
logo
TDK Electronics
CME150-24 TDK-CME150-24 Datasheet
654Kb / 9P
   Single Output 150W - 240W
HWS-A TDK-HWS-A Datasheet
1Mb / 56P
   Single Output 15W 節?150W
logo
Mean Well Enterprises C...
NSD10-S MEANWELL-NSD10-S Datasheet
590Kb / 2P
   10W DC-DCRegulated Single Output
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
   150W Single Output with PFC Function
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
   150W Single Output with PFC Function
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com