Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0175TR-3000 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0175TR-3000
Description  GaAs DPDT Diversity Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0175TR-3000 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0175TR-3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0175TR-3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0175TR-3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0175TR-3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0175TR-3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
GaAs DPDT Diversity Switch
4.5 - 6.0 GHz
Rev. V1
MASWSS0175
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
M/A-COM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with M/A-COM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
specifications and product descriptions at any time, without notice. MACOM makes no commitment to update
the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise,
to any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Similar Part No. - MASWSS0175TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0175TR-3000 MACOM-MASWSS0175TR-3000 Datasheet
192Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175TR-3000 MA-COM-MASWSS0175TR-3000 Datasheet
87Kb / 4P
   GaAs DPDT Diversity Switch DC - 6.0 GHz
More results

Similar Description - MASWSS0175TR-3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
   GaAs DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
   GaAs DPDT Diversity Switch
MASWSS0190 MA-COM-MASWSS0190_15 Datasheet
120Kb / 4P
   GaAs Broadband DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129_15 Datasheet
669Kb / 5P
   GaAs Broadband DPDT Diversity Switch
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
   GaAs Broadband DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129 Datasheet
104Kb / 4P
   GaAs Broadband DPDT Diversity Switch
MASWSS0130 MA-COM-MASWSS0130_15 Datasheet
732Kb / 5P
   GaAs Broadband DPDT Diversity Switch
MASWSS0130 MA-COM-MASWSS0130 Datasheet
136Kb / 4P
   GaAs Broadband DPDT Diversity Switch
MASW-007587 MA-COM-MASW-007587_15 Datasheet
642Kb / 6P
   High Power GaAs DPDT Diversity Switch
MASWSS0184 MA-COM-MASWSS0184_15 Datasheet
642Kb / 6P
   High Power GaAs DPDT Diversity Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com