Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA48 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # PA48
Description  Cascadable Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PA48 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  PA48 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PA48 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. PA48 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
1000 to 4000 MHz
Rev. V1
PA48 / SMPA48
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Typical
Guaranteed
Units
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
GHz
0.8-4.2
1.0-4.0
1.0-4.0
Small Signal Gain (min)
dB
16.0
14.0
13.5
Gain Flatness (max)
dB
±0.4
±0.7
±0.8
Reverse Isolation
dB
33
Noise Figure (max)
dB
5.5
7.0
7.5
Power Output
@ 1 dB comp. (min)
dBm
24.0
22.5
21.5
IP3
dBm
+34
IP2
dBm
+45
Second Order Harmonic IP
dBm
+55
VSWR Input / Output (max)
1.7:1 / 1.6:1
2.0:1 / 1.9:1
2.2:1 / 2.1:1
DC Current @ 15 Volts (max)
mA
225
235
245
Features
 ULTRAWIDE BANDWIDTH: 0.8-4.2 GHz (TYP.)
 HIGH OUTPUT LEVEL: +24 dBm (TYP.)
 HIGH GAIN: 16.0 dB (TYP.)
 GaAs FET AMPLIFIER
Description
The PA48 power amplifier is a discrete hybrid design, which
uses thin film manufacturing processes for accurate
performance and high reliability.
This two stage GaAs FET feedback amplifier design displays
impressive performance characteristics over a broadband
frequency range.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available.
Product Image
Ordering Information
Part Number
Package
PA48
TO-8B
SMPA48
Surface Mount
CPA48
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+85ºC
DC Voltage
+16 V
Continuous Input Power
+17 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
0.25 W
“S” Series Burn-In
Temperature (case)
+85ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
75ºC/W
Transistor Power Dissipation Pd
1.264W
Junction Temperature Rise
Above Case Tjc
+95ºC
* Over temperature performance limits for part number CPA48, guaranteed from 0oC to +50oC only.


Similar Part No. - PA48

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA48 MACOM-PA48 Datasheet
411Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
PA48 MA-COM-PA48 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
PA48-SMPA48 MA-COM-PA48-SMPA48 Datasheet
1Mb / 2P
   Cascadable Amplifier
logo
Unisonic Technologies
PA4819 UTC-PA4819 Datasheet
280Kb / 7P
   350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4819-S08-R UTC-PA4819-S08-R Datasheet
280Kb / 7P
   350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results

Similar Description - PA48

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
EA53-2 MA-COM-EA53-2 Datasheet
129Kb / 2P
   Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
   Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
   Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
   Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
   Cascadable Amplifier
A74-SMA74 MA-COM-A74-SMA74 Datasheet
1Mb / 2P
   Cascadable Amplifier
A77-1-SMA77-1 MA-COM-A77-1-SMA77-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com