Electronic Components Datasheet Search |
|
GRM216R61A105KA01 Datasheet(PDF) 3 Page - Skyworks Solutions Inc. |
|
GRM216R61A105KA01 Datasheet(HTML) 3 Page - Skyworks Solutions Inc. |
3 / 17 page AAT1274 1.5A Single Flash LED Driver IC DATA SHEET 3 Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 201981A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 21, 2012 1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. 2. Mounted on an FR4 board. 3. Derate 20mW/°C above 25°C. Absolute Maximum Ratings1 TA = 25°C unless otherwise noted. Symbol Description Value Units IN, OUT, SW Maximum Rating -0.3 to 6.0 V EN/SET, FLEN, FLINH, RSET, FL Maximum Rating -0.3 to VIN + 0.3 TJ Operating Junction Temperature Range -40 to 150 C TS Storage Temperature Range -65 to 150 TLEAD Maximum Soldering Temperature (at Leads, 10 sec) 300 Thermal Information2 Symbol Description Value Units JA Thermal Resistance3 50 O C/W PD Maximum Power Dissipation 2 W |
Similar Part No. - GRM216R61A105KA01 |
|
Similar Description - GRM216R61A105KA01 |