Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ36002RVQR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ36002RVQR
Description  SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ36002RVQR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMZ36002RVQR Datasheet HTML 3Page - Texas Instruments LMZ36002RVQR Datasheet HTML 4Page - Texas Instruments LMZ36002RVQR Datasheet HTML 5Page - Texas Instruments LMZ36002RVQR Datasheet HTML 6Page - Texas Instruments LMZ36002RVQR Datasheet HTML 7Page - Texas Instruments LMZ36002RVQR Datasheet HTML 8Page - Texas Instruments LMZ36002RVQR Datasheet HTML 9Page - Texas Instruments LMZ36002RVQR Datasheet HTML 10Page - Texas Instruments LMZ36002RVQR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
LMZ36002
www.ti.com
SNVSA92A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
Product Folder Links: LMZ36002
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over -40°C to +105°C free-air temperature, PVIN = 24 V, VOUT = 5 V, IOUT = IOUT max, ƒsw = 500 kHz, CIN1 = 1 x 10-µF, 100-V
1210 ceramic, CIN2 = 1 x 100-µF 100-V electrolytic bulk, and COUT = 3 x 47-µF, 16-V 1210 ceramic (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(4)
The specified minimum ceramic input capacitance represents the standard capacitance value. The actual effective capacitance after
considering the effects of DC bias and temperature variation should be
≥ 4.7 µF.
(5)
The amount of required output capacitance varies depending on the output voltage (see Output Capacitor Selection ). The minimum
required output capacitance must be comprised of ceramic capacitance. The amount of required ceramic capacitance represents the
standard capacitance value. Locate the capacitance close to the device. Adding additional ceramic or non-ceramic capacitance close to
the load improves the response of the regulator to load transients.
(6)
The maximum allowable output capacitance varies depending on the output voltage (see Output Capacitor Selection ).
THERMAL SHUTDOWN
TSHUTDOWN
Thermal shutdown
Shutdown Temperature
160
°C
Hysteresis
10
°C
INPUT/OUTPUT CAPACITANCE
CIN
External input capacitance
ceramic
10(4)
µF
non-ceramic
100
µF
COUT
External output capacitance
Ceramic
64(5)
Note(6)
µF
Non-ceramic
100
Note(6)
µF
ceramic + non-ceramic
Note(6)
µF
Equivalent series resistance (ESR)
20
m
Ω
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ƒSW
Switching frequency
RT and RTSEL pins open
410
500
590
kHz
ƒCLK
CLK Control
Synchronization frequency
200
1000
kHz
VCLK-H
CLK high level
2
5.5
V
VCLK-L
CLK low level
0.4
V
DCLK
CLK duty cycle
10%
50%
90%


Similar Part No. - LMZ36002RVQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
More results

Similar Description - LMZ36002RVQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ30604EVM-001 TI-LMZ30604EVM-001 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
logo
Maxim Integrated Produc...
MAX17501HTEVKIT MAXIM-MAX17501HTEVKIT Datasheet
1Mb / 9P
   Operates from a 4.5V to 60V Input Supply
Rev 0; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com