Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5925 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC5925
Description  Low-Power 16-Channel Constant-Current LED Sink Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5925 Datasheet(HTML) 4 Page - Texas Instruments

  TLC5925_15 Datasheet HTML 1Page - Texas Instruments TLC5925_15 Datasheet HTML 2Page - Texas Instruments TLC5925_15 Datasheet HTML 3Page - Texas Instruments TLC5925_15 Datasheet HTML 4Page - Texas Instruments TLC5925_15 Datasheet HTML 5Page - Texas Instruments TLC5925_15 Datasheet HTML 6Page - Texas Instruments TLC5925_15 Datasheet HTML 7Page - Texas Instruments TLC5925_15 Datasheet HTML 8Page - Texas Instruments TLC5925_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TLC5925
SLVS765B – OCTOBER 2008 – REVISED SEPTEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage
0
7
V
VI
Input voltage
–0.4
VDD + 0.4
V
VO
Output voltage
–0.5
20
V
IOUT
Output current
45
mA
IGND
GND terminal current
750
mA
TA
Free-air operating temperature range
–40
125
°C
TJ
Operating junction temperature range
–40
150
°C
Tstg
Storage temperature range
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±1000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101 (2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Supply voltage
3
5.5
V
VO
Output voltage
OUT0 to OUT15
17
V
VO ≥ 0.6 V
3
IO
Output current
DC test circuit
mA
VO ≥ 1 V
45
IOH
High-level output current
SDO
–1
mA
IOL
Low-level output current
SDO
1
mA
VIH
High-level input voltage
CLK, OE, LE, and SDI
0.7 × VDD
VDD
V
VIL
Low-level input voltage
CLK, OE, LE, and SDI
GND
0.3 × VDD
V
tR
Rise Time
CLK
500
ns
tF
Fall Time
CLK
500
ns
4
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TLC5925


Similar Part No. - TLC5925_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925IDBQR TI-TLC5925IDBQR Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDBQR TI-TLC5925IDBQR Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDBQRG4 TI-TLC5925IDBQRG4 Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDBQRG4 TI-TLC5925IDBQRG4 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDWR TI-TLC5925IDWR Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
More results

Similar Description - TLC5925_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925 TI-TLC5925_09 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI-TLC5925 Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com