Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5925IDWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5925IDWR
Description  Low-Power 16-Channel Constant-Current LED Sink Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5925IDWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5925IDWR Datasheet HTML 3Page - Texas Instruments TLC5925IDWR Datasheet HTML 4Page - Texas Instruments TLC5925IDWR Datasheet HTML 5Page - Texas Instruments TLC5925IDWR Datasheet HTML 6Page - Texas Instruments TLC5925IDWR Datasheet HTML 7Page - Texas Instruments TLC5925IDWR Datasheet HTML 8Page - Texas Instruments TLC5925IDWR Datasheet HTML 9Page - Texas Instruments TLC5925IDWR Datasheet HTML 10Page - Texas Instruments TLC5925IDWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TLC5925
www.ti.com
SLVS765B – OCTOBER 2008 – REVISED SEPTEMBER 2015
6.8 Timing Requirements
VDD = 3 V to 5.5 V (unless otherwise noted)
MIN
MAX
UNIT
tw(L)
LE pulse duration
15
ns
tw(CLK)
CLK pulse duration
15
ns
tw(OE)
OE pulse duration
300
ns
tsu(D)
Setup time for SDI
3
ns
th(D)
Hold time for SDI
2
ns
tsu(L)
Setup time for LE
5
ns
th(L)
Hold time for LE
5
ns
fCLK
Clock frequency, Cascade operation
30
MHz
6.9 Switching Characteristics: VDD = 3 V
VDD = 3 V, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH1
Low-to-high propagation delay time, CLK to OUTn
30
45
60
ns
tPLH2
Low-to-high propagation delay time, LE to OUTn
30
45
60
ns
tPLH3
Low-to-high propagation delay time, OE to OUTn
30
45
60
ns
tPLH4
Low-to-high propagation delay time, CLK to SDO
30
40
ns
tPHL1
High-to-low propagation delay time, CLK to OUTn
40
65
100
ns
tPHL2
High-to-low propagation delay time, LE to OUTn
40
65
100
ns
tPHL3
High-to-low propagation delay time, OE to OUTn
40
65
100
ns
tPHL4
High-to-low propagation delay time, CLK to SDO
30
40
ns
tw(CLK)
Pulse duration, CLK
15
ns
VIH = VDD, VIL = GND,
tw(L)
Pulse duration LE
Rext = 840 Ω, VL = 4 V,
15
ns
RL = 88 Ω, CL = 10 pF
tw(OE)
Pulse duration, OE
300
ns
th(D)
Hold time, SDI
2
ns
tsu(D)
Setup time, SDI
3
ns
th(L)
Hold time, LE
5
ns
tsu(L)
Setup time, LE
5
ns
tr
Rise time, CLK (1)
500
ns
tf
Fall time, CLK (1)
500
ns
tor
Rise time, outputs (off)
35
50
70
ns
tof
Rise time, outputs (on)
15
50
120
ns
fCLK
Clock frequency
Cascade operation
30
MHz
(1)
If the devices are connected in cascade and tr or tf is large, it may be critical to achieve the timing required for data transfer between two
cascaded devices.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLC5925


Similar Part No. - TLC5925IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925IDWR TI-TLC5925IDWR Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDWR TI-TLC5925IDWR Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDWRG4 TI-TLC5925IDWRG4 Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDWRG4 TI-TLC5925IDWRG4 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
More results

Similar Description - TLC5925IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925 TI-TLC5925_09 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI-TLC5925 Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com