Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5925IDWRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5925IDWRG4
Description  Low-Power 16-Channel Constant-Current LED Sink Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5925IDWRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TLC5925IDWRG4 Datasheet HTML 1Page - Texas Instruments TLC5925IDWRG4 Datasheet HTML 2Page - Texas Instruments TLC5925IDWRG4 Datasheet HTML 3Page - Texas Instruments TLC5925IDWRG4 Datasheet HTML 4Page - Texas Instruments TLC5925IDWRG4 Datasheet HTML 5Page - Texas Instruments TLC5925IDWRG4 Datasheet HTML 6Page - Texas Instruments TLC5925IDWRG4 Datasheet HTML 7Page - Texas Instruments TLC5925IDWRG4 Datasheet HTML 8Page - Texas Instruments TLC5925IDWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TLC5925
SLVS765B – OCTOBER 2008 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
2
Applications ........................................................... 1
8.2
Functional Block Diagram ....................................... 12
3
Description ............................................................. 1
8.3
Feature Description................................................. 12
4
Revision History..................................................... 2
8.4
Device Functional Modes........................................ 13
5
Pin Configuration and Functions ......................... 3
9
Application and Implementation ........................ 14
6
Specifications......................................................... 4
9.1
Application Information............................................ 14
6.1
Absolute Maximum Ratings ...................................... 4
9.2
Typical Application ................................................. 15
6.2
ESD Ratings.............................................................. 4
10
Power Supply Recommendations ..................... 16
6.3
Recommended Operating Conditions ....................... 4
11
Layout................................................................... 16
6.4
Thermal Information .................................................. 5
11.1
Layout Guidelines ................................................. 16
6.5
Electrical Characteristics: VDD = 3 V......................... 5
11.2
Layout Example .................................................... 17
6.6
Electrical Characteristics: VDD = 5.5 V..................... 6
12
Device and Documentation Support ................. 18
6.7
Power Dissipation and Thermal Impedance ............. 6
12.1
Community Resources.......................................... 18
6.8
Timing Requirements ................................................ 7
12.2
Trademarks ........................................................... 18
6.9
Switching Characteristics: VDD = 3 V........................ 7
12.3
Electrostatic Discharge Caution ............................ 18
6.10
Switching Characteristics: VDD = 5.5 V................... 8
12.4
Glossary ................................................................ 18
6.11
Typical Characteristics ............................................ 9
13
Mechanical, Packaging, and Orderable
7
Parameter Measurement Information ................ 10
Information ........................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (March 2013) to Revision B
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TLC5925


Similar Part No. - TLC5925IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925IDWRG4 TI-TLC5925IDWRG4 Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDWRG4 TI-TLC5925IDWRG4 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
More results

Similar Description - TLC5925IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925 TI-TLC5925_09 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI-TLC5925 Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com