Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A6301-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS7A6301-Q1
Description  300-mA 40-V Low-Dropout Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6301-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS7A6301-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS7A6301-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS7A6301-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS7A6301-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS7A6301-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS7A6301-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS7A6301-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS7A6301-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS7A6301-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
TPS7A6301-Q1, TPS7A6333-Q1, TPS7A6350-Q1, TPS7A6401-Q1
SLVSAB1E – JUNE 2011 – REVISED SEPTEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
DESCRIPTION
MIN
MAX
UNIT
VIN, VEN
Unregulated inputs(2)(3)
45
V
VOUT
Regulated output
7
V
FB
Sense voltage for error amplifier(2)
7
V
ROSC
Constant-voltage reference(2)
7
V
nWD_EN,
WD,
Watchdog inputs and outputs(2)
7
V
WD_FLAG,
WD_FLT
nRST
Open-drain reset output(2)
7
V
RDELAY
Reset delay timer output(2)
7
V
TA
Operating ambient temperature
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to GND.
(2)
Absolute negative voltage on these pins not to go below –0.3 V.
(3)
Absolute maximum voltage for duration less than 480 ms.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per AEC Q100-011
±1500
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VIN, VEN
Unregulated input voltage
4
40
V
nRST, RDELAY, nWD_EN, WD_FLT(1) ,
Low voltage input or output
0
5.25
V
WD_FLAG(2), WD, FB(3)
TJ
Operating junction temperature range
–40
150
°C
(1)
Applicable for TPS7A63xx-Q1 only
(2)
Applicable for TPS746401-Q1 only
(3)
Applicable for TPS7A6301-Q1 and TPS7A6401-Q1 only
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS7A6301-Q1 TPS7A6333-Q1 TPS7A6350-Q1 TPS7A6401-Q1


Similar Part No. - TPS7A6301-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6301-Q1 TI1-TPS7A6301-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
More results

Similar Description - TPS7A6301-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
TPS7A6301-Q1 TI1-TPS7A6301-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
TPS7A6301-Q1 TI1-TPS7A6301-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
logo
ON Semiconductor
NCP4625HSN18T1G ONSEMI-NCP4625HSN18T1G Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
NCP4625 ONSEMI-NCP4625 Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com