Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2505BRGWR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2505BRGWR
Description  Integrated Dual USB Switches, Boost Converter and LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2505BRGWR Datasheet(HTML) 4 Page - Texas Instruments

  TPS2505BRGWR Datasheet HTML 1Page - Texas Instruments TPS2505BRGWR Datasheet HTML 2Page - Texas Instruments TPS2505BRGWR Datasheet HTML 3Page - Texas Instruments TPS2505BRGWR Datasheet HTML 4Page - Texas Instruments TPS2505BRGWR Datasheet HTML 5Page - Texas Instruments TPS2505BRGWR Datasheet HTML 6Page - Texas Instruments TPS2505BRGWR Datasheet HTML 7Page - Texas Instruments TPS2505BRGWR Datasheet HTML 8Page - Texas Instruments TPS2505BRGWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TPS2505
SPAS093C – DECEMBER 2009 – REVISED SEPTEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted).
(1) (2)
MIN
MAX
UNIT
Input voltage on SW, AUX, IN, USB, ENUSB, EN, FAULT, ILIM
–0.3
7
V
FAULT sink current
25
mA
ILIM source current
1
mA
Operating junction temperature, TJ
–40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltages are referenced to GND and PGND tied together.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
±2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-
±500
C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply voltage at IN
1.8
5.25
V
VSTART
Supply voltage at IN for start-up
2.2
V
Enable voltage at EN, ENUSB1, ENUSB2, ENLDO
0
5.25
V
TA
Operating free air temperature range
–40
85
°C
TJ
Operating junction temperature range
–40
125
°C
6.4 Thermal Information
TPS2505
THERMAL METRIC(1)
RGW (VQFN)
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
34.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
30
°C/W
RθJB
Junction-to-board thermal resistance
13.5
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
13.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPS2505


Similar Part No. - TPS2505BRGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2505B1RGWR TI-TPS2505B1RGWR Datasheet
849Kb / 28P
[Old version datasheet]   INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
More results

Similar Description - TPS2505BRGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2505 TI-TPS2505 Datasheet
849Kb / 28P
[Old version datasheet]   INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
logo
Linear Technology
LT3570 LINER-LT3570_15 Datasheet
293Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
LT3570 LINER-LT3570 Datasheet
282Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
   Integrated Boost Converter
logo
Richtek Technology Corp...
RT9287A RICHTEK-RT9287A Datasheet
309Kb / 14P
   Boost Converter for WLED Power with Dual LDO
logo
Silicon Mitus, Inc.
SM1202 SILICONMITUS-SM1202 Datasheet
329Kb / 1P
   PWM Controller for Dual Boost Converter with LDO
Februay 2018 - Rev. 0.0.0
logo
Richtek Technology Corp...
RT9287 RICHTEK-RT9287 Datasheet
372Kb / 13P
   Boost Converter for OLED Power with Dual LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com