Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61050 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS61050
Description  High-Power White LED Driver 2-MHz Synchronous Boost Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61050 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61050_15 Datasheet HTML 4Page - Texas Instruments TPS61050_15 Datasheet HTML 5Page - Texas Instruments TPS61050_15 Datasheet HTML 6Page - Texas Instruments TPS61050_15 Datasheet HTML 7Page - Texas Instruments TPS61050_15 Datasheet HTML 8Page - Texas Instruments TPS61050_15 Datasheet HTML 9Page - Texas Instruments TPS61050_15 Datasheet HTML 10Page - Texas Instruments TPS61050_15 Datasheet HTML 11Page - Texas Instruments TPS61050_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3 5.5
V -InputVoltage-V
I
I
=300mA
LED
I
=1200mA
LED
I
=2000mA
LIM
I
=900mA
LED
I
=500mA
LED
I
=700mA
LED
0
200
400
600
800
1000
1200
1400
250
350
450
550
650
750
850
950
1050
LEDPinHeadroomVoltage-mV
I
=75mA
LED
I
=1200mA
LED
I
=2000mA
LIM
I
=150mA
LED
I
=900mA
LED
I
=700mA
LED
I
=500mA
LED
0
10
20
30
40
50
60
70
80
90
100
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3 5.5
V -InputVoltage-V
I
I
=50mA
LED
I
=250mA
LED
I
=100mA
LED
I
=2000mA
LIM
I
=150mA
LED
0
10
20
30
40
50
60
70
80
90
100
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3 5.5
V -InputVoltage-V
I
I
=300mA
LED
I
=500mA
LED
I
=700mA
LED
I
=900mA
LED
I
=1200mA
LED
ILIM=2000mA
TPS61050, TPS61052
SLUS525A – MARCH 2007 – REVISED SEPTEMBER 2015
www.ti.com
6.7 Typical Characteristics
Table 1. Table of Graphs
GRAPH TITLE
FIGURE
LED Power Efficiency
vs Input Voltage
Figure 2, Figure 3
DC Input Current
vs Input Voltage
Figure 4
LED Current
vs LED Pin Headroom Voltage
Figure 5
LED Current
vs LED Current Digital Code
Figure 6, Figure 7, Figure 8
Voltage Mode Efficiency
vs Output Current
Figure 9
DC Output Voltage
vs Load Current
Figure 10
DC Output Voltage
vs Input Voltage
Figure 11
Quiescent Current
vs Input Voltage
Figure 12
Shutdown Current
vs Input Voltage
Figure 13
Junction Temperature
vs GPIO Voltage
Figure 14
Figure 2. LED Power Efficiency vs Input Voltage
Figure 3. LED Power Efficiency vs Input Voltage
Figure 5. LED Current vs LED Pin Headroom Voltage
Figure 4. DC Input Current vs Input Voltage
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS61050 TPS61052


Similar Part No. - TPS61050_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61050DRC TI-TPS61050DRC Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
TPS61050DRCR TI-TPS61050DRCR Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
TPS61050DRCRG4 TI-TPS61050DRCRG4 Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
TPS61050DRCT TI-TPS61050DRCT Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
TPS61050DRCTG4 TI-TPS61050DRCTG4 Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
More results

Similar Description - TPS61050_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61054 TI-TPS61054 Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI-TPS61054_08 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
TPS61050 TI-TPS61050 Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
logo
Linear Technology
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
logo
Linear Technology
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
Richtek Technology Corp...
RT9278 RICHTEK-RT9278 Datasheet
205Kb / 13P
   High Efficiency Boost LDO Converter & High Power White LED Driver
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com