Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A6301-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS7A6301-Q1
Description  300-mA 40-V Low-Dropout Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6301-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A6301-Q1 Datasheet HTML 1Page - Texas Instruments TPS7A6301-Q1 Datasheet HTML 2Page - Texas Instruments TPS7A6301-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A6301-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A6301-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A6301-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A6301-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A6301-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A6301-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
TPS7A6333-Q1
or
TPS7A6350-Q1
VIN
COUT
EN
nWD_EN
WD
VOUT
nRST
VIN
RDELAY
ROSC
GND
CIN
CDLY
ROSC
RRST
VOUT
WD_FLT/
WD_FLG
RFLT/FLAG
RESET
FAULT/
FLAG
TPS7A6x01-Q1
VIN
COUT
EN
WD
VOUT
nRST
VIN
RDELAY
ROSC
GND
CIN
CDLY
ROSC
RRST
R1
FB
R2
VOUT
WD_FLT/
WD_FLG
RESET
FAULT/
FLAG
nWD_EN
RFLT/FLAG
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS7A6301-Q1, TPS7A6333-Q1, TPS7A6350-Q1, TPS7A6401-Q1
SLVSAB1E – JUNE 2011 – REVISED SEPTEMBER 2015
TPS7A63xx-Q1 and TPS7A6401-Q1 300-mA 40-V Low-Dropout Regulator
With Ultra-Low IQ
1 Features
2 Applications
1
Qualified for Automotive Applications
Infotainment Systems With Sleep Mode
AEC-Q100 Test Guidance With the Following
Body Control Modules
Results:
Always-On Battery Applications
Device Temperature Grade 1: –40°C to 125°C
Gateway Applications
Ambient Operating Temperature
Remote Keyless Entry Systems
Device HBM ESD Classification Level H2
Immobilizers
Device CDM ESD Classification Level C2
3 Description
Low Dropout Voltage
The TPS7A63xx-Q1 and TPS7A6401-Q1 are a family
300 mV at IOUT = 150 mA
of low-dropout linear voltage regulators designed for
4-V to 40-V Wide Input-Voltage Range
low power consumption and quiescent current less
With up to 45-V Transients
than 35 µA in light-load applications. These devices,
300-mA Maximum Output Current
designed to achieve stable operation even with a low-
ESR ceramic output capacitor, feature an integrated
Ultralow Quiescent Current
programmable window watchdog and overcurrent
IQUIESCENT = 35 µA (Typical) at Light Loads
protection. Designers can program the output voltage
ISLEEP < 2 µA When EN = Low
using
external
resistors.
A
low-voltage
tracking
Fixed (3.3-V and 5-V) and Adjustable (2.5-V to 7-
feature allows for a smaller input capacitor and can
possibly
eliminate
the
need
of
using
a
boost
V) Output Voltages
converter during cold-crank conditions. The power-
Integrated Watchdog With Fault/Flag
on-reset delay is fixed (250 µs typical), or an external
Stable With Low-ESR Ceramic Output Capacitor
capacitor can program the delay. Because of such
Integrated Power-On Reset
features, these devices are well-suited in power
supplies for various automotive applications.
Programmable Delay
Open-Drain Reset Output
Device Information(1)
Integrated Fault Protection
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Short-Circuit and Overcurrent Protection
TPS7A63xx-Q1
HTSSOP (14)
5.00 mm × 4.40 mm
TPS7A6401-Q1
Thermal Shutdown
TPS7A63xx-Q1
VSON (10)
4.00 mm × 3.00 mm
Low Input-Voltage Tracking
(1) For all available packages, see the orderable addendum at
Thermally Enhanced 14-Pin HTSSOP-PWP
the end of the data sheet.
Package and 10-Pin VSON-DRK Package
Adjustable Output Voltage Option
Fixed Output Voltage Option
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS7A6301-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6301-Q1 TI1-TPS7A6301-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
TPS7A6301-Q1 TI1-TPS7A6301-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
TPS7A6301-Q1 TI1-TPS7A6301-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
More results

Similar Description - TPS7A6301-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
TPS7A6301-Q1 TI1-TPS7A6301-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
TPS7A6301-Q1 TI1-TPS7A6301-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
logo
ON Semiconductor
NCP4625HSN18T1G ONSEMI-NCP4625HSN18T1G Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
NCP4625 ONSEMI-NCP4625 Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com