Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650001RTET Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650001RTET
Description  Step-Down Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650001RTET Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS650001RTET Datasheet HTML 4Page - Texas Instruments TPS650001RTET Datasheet HTML 5Page - Texas Instruments TPS650001RTET Datasheet HTML 6Page - Texas Instruments TPS650001RTET Datasheet HTML 7Page - Texas Instruments TPS650001RTET Datasheet HTML 8Page - Texas Instruments TPS650001RTET Datasheet HTML 9Page - Texas Instruments TPS650001RTET Datasheet HTML 10Page - Texas Instruments TPS650001RTET Datasheet HTML 11Page - Texas Instruments TPS650001RTET Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
TPS65000, TPS65001, TPS650001
TPS650003, TPS650006, TPS650061
SLVS810C – JUNE 2009 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Over full operating ambient temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply
for condition VIN = EN_LDOx = EN_DCDC = 3.6 V. External components L = 2.2 μH, COUT = 10 μF, CIN = 4.7 μF, (see the
Typical Application section).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOW DROP OUT REGULATORS (continued)
IO = 1 mA to 300 mA, VINLDOx = 2.3 V – 6 V,
–3.5%
3.5%
VLDOx = 1.2 V
Output Voltage Accuracy (7)
IO = 1mA to 175 mA VINLDOx = 1.6 V – 6 V,
–3.5%
3.5%
VLDOx = 1.2 V
IO = 1mA to 300 mA VINLDOx = 3.6 V
Load regulation
–1.5%
1.5%
VLDOx = 1.2 V
VINLDOx = 1.6 V – 6 V VLDOx = 1.2 V at
Line regulation
–0.5%
0.5%
IO = 1 mA
fNOISE ≤ 10 kHz, COUT ≥ 2.2 μF, VIN = 2.3 V,
PSRR
Power Supply Rejection Ratio
40
dB
VOUT = 1.3 V IOUT = 10 mA
Internal discharge resistance at
RDIS
EN_LDOx low
450
VLDOx
TSD
Thermal shutdown
Increasing temperature
150
°C
Thermal shutdown hysteresis
Decreasing temperature
30
°C
SUPPLY VOLTAGE SUPERVISOR
VIN
Input voltage for RSTSNS pin
0
6
V
t MRDEGLITCH MR Deglitch time
1
ms
VIH
Input high voltage
MR pin only
1.2
6
V
VIL
Input low voltage
MR pin only
0
0.4
V
Ilkg
High-input leakage current
RST pin
0.01
0.1
μA
VOL
Output low voltage
RST pin only, IO = –100 μA
0.4
V
ITRST
Reset timer capacitor current
1.6
2
2.2
μA
Reset voltage trip voltage
Voltage rising (Reset time begins)
0.58
0.6
0.63
V
Reset voltage trip hysteresis
Voltage falling (RST pulled low)
–5%
(7)
Output voltage specification does not include tolerance of external programming resistors.
8.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STEP DOWN CONVERTER OUTPUT VOLTAGE
EN_DCDC to start of switching
250
tStart
Start-up time
μs
(10%)
tRamp
VDCDC ramp-up time
VDCDC ramp from 10% to 90%
250
μs
LOW DROP OUT REGULATORS
tRAMP
VLDOx Ramp Time
VLDOx ramp from 10% to 90%
200
μs
8.7 Dissipation Ratings
TA ≤ 25°C
TA = 70°C
TA = 85°C
DEVICE
PACKAGE
RθJA
RθJB
POWER RATING POWER RATING POWER RATING
TPS65000/01(1)
270°C/W
14°C/W
370 mW
204 mW
148 mW
RTE/RUK
TPS65000/01(2)
48.7°C/W
14°C/W
2.05 W
1.13 W
821 mW
(1)
The JEDEC low-K (1s) board used to derive this data was a 3 in × 3 in, two-layer board with 2-oz copper traces on top of the board.
(2)
The JEDEC high-K (2s2p) board used to derive this data was a 3 in × 3 in, multilayer board with 1-oz internal power and ground.
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPS65000 TPS65001 TPS650001 TPS650003 TPS650006 TPS650061


Similar Part No. - TPS650001RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650001RTET TI1-TPS650001RTET Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
More results

Similar Description - TPS650001RTET

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
   Step-Down Converter
logo
Richtek Technology Corp...
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
   Step-Down Converter
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
   Step-Down Converter
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935 Datasheet
1Mb / 17P
   Step-Down Converter
Rev 2; 3/14
logo
Richtek Technology Corp...
RT6212A RICHTEK-RT6212A Datasheet
1Mb / 18P
   Step-Down Converter
logo
Exar Corporation
XRP6668 EXAR-XRP6668 Datasheet
614Kb / 11P
   Step Down Converter
logo
Bookly Micro electronic
BM1410A BOOKLY-BM1410A Datasheet
515Kb / 8P
   Step-Down Converter
logo
Advanced Analogic Techn...
AAT1120 ANALOGICTECH-AAT1120 Datasheet
717Kb / 20P
   500mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
AAT1145 SKYWORKS-AAT1145 Datasheet
1Mb / 18P
   1.5A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com