Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65030 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS65030
Description  Power-Management IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65030 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65030_15 Datasheet HTML 7Page - Texas Instruments TPS65030_15 Datasheet HTML 8Page - Texas Instruments TPS65030_15 Datasheet HTML 9Page - Texas Instruments TPS65030_15 Datasheet HTML 10Page - Texas Instruments TPS65030_15 Datasheet HTML 11Page - Texas Instruments TPS65030_15 Datasheet HTML 12Page - Texas Instruments TPS65030_15 Datasheet HTML 13Page - Texas Instruments TPS65030_15 Datasheet HTML 14Page - Texas Instruments TPS65030_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TPS65030
1.5V
CP+LDO
(200mA)
3.3V
CP+LDO
(22mA)
5V
CP
(100mA)
VIN
1.8V
LDO
(60mA)
SW_EN1
SW_EN2
Vbus−
comparator
EN1
EN2
EN3
+
SLEEP
VBUS
TPS65030
www.ti.com
SLVS620C – JULY 2007 – REVISED SEPTEMBER 2015
Functional Block Diagrams (continued)
Figure 5. Internal Block Diagram
7.3 Feature Description
7.3.1 Enable (EN1, EN2, EN3)
There are three different enable signals available. EN1 activates the 5-V converter associated with Vbus if it is
pulled high. EN2 is associated with the 3.3-V converter (Vout2) and the 1.5-V converter (Vout3). If EN2 is pulled
high, the 3.3-V ramps up first, followed by the 1.5-V converter, see Figure 6. EN3 enables the 1.8-V LDO (Vout4)
if pulled high. For EN3, there is an internal pulldown resistor to GND, disabling the Vout4-LDO if the EN3 pin is
left open.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65030


Similar Part No. - TPS65030_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65030YZK TI-TPS65030YZK Datasheet
1Mb / 29P
[Old version datasheet]   POWER MANAGEMENT IC for USB-OTG
TPS65030YZKR TI-TPS65030YZKR Datasheet
1Mb / 29P
[Old version datasheet]   POWER MANAGEMENT IC for USB-OTG
TPS65030YZKT TI-TPS65030YZKT Datasheet
1Mb / 29P
[Old version datasheet]   POWER MANAGEMENT IC for USB-OTG
More results

Similar Description - TPS65030_15

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com