Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65010RGZT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 1 Page - Texas Instruments

  TPS65010RGZT Datasheet HTML 1Page - Texas Instruments TPS65010RGZT Datasheet HTML 2Page - Texas Instruments TPS65010RGZT Datasheet HTML 3Page - Texas Instruments TPS65010RGZT Datasheet HTML 4Page - Texas Instruments TPS65010RGZT Datasheet HTML 5Page - Texas Instruments TPS65010RGZT Datasheet HTML 6Page - Texas Instruments TPS65010RGZT Datasheet HTML 7Page - Texas Instruments TPS65010RGZT Datasheet HTML 8Page - Texas Instruments TPS65010RGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
Linear Charge Controller
VBAT
ISET
PG
AC
USB
VMAIN
Step-Down
Converter
SCLK
SDAT
VCORE
VLDO1
200 mA LDO
VLDO2
Thermal
Shutdown
Control
TS
VINMAIN
L1
VMAIN
DEFMAIN
VINCORE
L2
VCORE
VINLDO1
VLDO1
VLDO2
LOW_PWR
MAX(AC,USB,VBAT)
DEFCORE
IFLSB
UVLO
VREF
OSC
VFB_LDO1
PB_ONOFF
BATT_COVER
HOT_RESET
RESPWRON
MPU_RESET
PWRFAIL
INT
PS_SEQ
VCC
PGND1
PGND2
AGND1
AGND2
AGND3
GPIOs
GPIO1
GPIO2
GPIO3
GPIO4
VIB
LED2
VINLDO2
Serial
Interface
Step-Down
Converter
200 mA LDO
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS65010
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
TPS65010 Power and Battery Management IC for Li-Ion Powered Systems
The TPS65010 also has a highly integrated and
1 Features
flexible Li-Ion linear charger and system power
1
Linear Charger Management for Single Li-Ion or
management. It offers integrated USB-port and AC-
Li-Polymer Cells
adapter supply management with autonomous power-
Dual Input Ports for Charging From USB or From
source selection, power FET and current sensor, high
accuracy current and voltage regulation, charge
Wall Plug, Handles 100-mA and 500-mA USB
status, and charge termination.
Requirements
Charge Current Programmable Through External
Device Information(1)
Resistor
PART NUMBER
PACKAGE
BODY SIZE (NOM)
1-A, 95% Efficient Step-Down Converter for I/O
TPS65010
VQFN (48)
7.00 mm x 7.00 mm
and Peripheral Components (VMAIN)
(1) For all available packages, see the orderable addendum at
400-mA, 90% Efficient Step-Down Converter for
the end of the datasheet.
Processor Core (VCORE)
2x 200-mA LDOs for I/O and Peripheral
Block Diagram
Components, LDO Enable Through Bus
Serial Interface Compatible With I2C, Supports
100-kHz, 400-kHz Operation
LOW_PWR Pin to Lower or Disable Processor
Core Supply Voltage in Deep Sleep Mode
70-µA Quiescent Current
1% Reference Voltage
Thermal Shutdown Protection
2 Applications
All Single Li-Ion Cell Operated Products Requiring
Multiple Supplies Including:
PDA
Cellular and Smart Phone
Internet Audio Player
Digital Still Camera
Digital Radio Player
Split Supply DSP and µP Solutions
3 Description
The TPS65010 device is an integrated power and
battery management IC for applications powered by
one Li-Ion or Li-Polymer cell, and which require
multiple power rails. The TPS65010 provides two
highly
efficient,
1.25-MHz
step-down
converters
targeted at providing the core voltage and peripheral,
I/O rails in a processor-based system. Both step-
down converters enter a low-power mode at light load
for maximum efficiency across the widest possible
range of load currents. The TPS65010 also integrates
two 200-mA LDO voltage regulators, which are
enabled through the serial interface. Each LDO
operates with an input voltage range from 1.8 V to
6.5 V, thus allowing them to be supplied from one of
the step-down converters or directly from the battery.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com