Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65070RSLR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65070RSLR
Description  Single Chip Power Solution for Battery Powered Systems
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65070RSLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65070RSLR Datasheet HTML 3Page - Texas Instruments TPS65070RSLR Datasheet HTML 4Page - Texas Instruments TPS65070RSLR Datasheet HTML 5Page - Texas Instruments TPS65070RSLR Datasheet HTML 6Page - Texas Instruments TPS65070RSLR Datasheet HTML 7Page - Texas Instruments TPS65070RSLR Datasheet HTML 8Page - Texas Instruments TPS65070RSLR Datasheet HTML 9Page - Texas Instruments TPS65070RSLR Datasheet HTML 10Page - Texas Instruments TPS65070RSLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
TPS65070, TPS65072
TPS65073, TPS650731, TPS650732
www.ti.com
SLVS950H – JULY 2009 – REVISED SEPTEMBER 2015
Pin Functions (continued)
PIN
NO.
I/O
DESCRIPTION
NAME
TPS65072
TPS6507x
VDCDC3
29
29
I
Feedback voltage sense input, connect directly to Vout3
VINDCDC1/2
21
21
I
Input voltage for DCDC1 and DCDC2 step-down converter. This pin must be connected to the SYS pin.
VINLDO1/2
3
3
I
Input voltage for LDO1 and LDO2
VIN_DCDC3
32
32
I
Input voltage for DCDC3 step-down converter. This pin must be connected to the SYS pin.
VLDO1
4
4
O
Output voltage of LDO1
VLDO2
2
2
O
Output voltage of LDO2
Thermal Pad
Power ground connection for the PMU. Connect to GND
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
On all pins except the pins listed below with respect to AGND
–0.3
7
On pins INT, RESET, PGOOD, PB_OUT with respect to AGND
–0.3
V(AVDD6)
On pins VINDCDC1/2, VINDCDC3, VINLDO respect to AGND
–0.3
V(SYS)
Voltage
V
On pins AD_IN1, AD_IN2, AD_IN3, AD_IN4 with respect to AGND
–0.3
3.3
On pins ISINK1, ISINK2, AC, USB
–0.3
20
On pin L4 (output voltage of boost converter), FB_wLED
–0.3
40
In/Out at SYS, AC, USB, BAT, L3
3000
mA
Current
In/Out at all other pins
1000
mA
Power
Continuous total power dissipation
See Dissipation Ratings(2)
Operating free-air temperature, TA
40
85
°C
Temperature
Maximum junction temperature, TJ
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The thermal resistance RθJP junction to thermal pad of the RSL package is 1.1 K/W. The value for RθJA was measured on a high K
board.
8.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
±500
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
BATTERY CHARGER AND POWER PATH
VIN
Input voltage for power path manager at pins AC or USB
4.3
17
Input voltage for power path manager at pins AC or USB, charger and power path
4.3
5.8
active (no overvoltage lockout)
V
Input voltage for power path manager at pins AC or USB in case there is no battery
3.6
17
connected at pin BAT
IIN
Input current at AC pin
2.5
A
Input current at USB pin
1.3
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS65070 TPS65072 TPS65073 TPS650731 TPS650732


Similar Part No. - TPS65070RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070RSLR TI-TPS65070RSLR Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65070RSLR TI-TPS65070RSLR Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070RSLR TI-TPS65070RSLR Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65070RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com