Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65233-1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65233-1
Description  LNB Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65233-1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65233-1 Datasheet HTML 2Page - Texas Instruments TPS65233-1 Datasheet HTML 3Page - Texas Instruments TPS65233-1 Datasheet HTML 4Page - Texas Instruments TPS65233-1 Datasheet HTML 5Page - Texas Instruments TPS65233-1 Datasheet HTML 6Page - Texas Instruments TPS65233-1 Datasheet HTML 7Page - Texas Instruments TPS65233-1 Datasheet HTML 8Page - Texas Instruments TPS65233-1 Datasheet HTML 9Page - Texas Instruments TPS65233-1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TPS65233-1
SLVSD66 – SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
TJ = –40°C to 125°C, VIN = 12 V, fSW = 1 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I2C READ BACK FAULT STATUS
Feedback voltage low side rising
95.3%
Feedback voltage low side falling
94.7%
VPGOOD
PGOOD trip levels
Feedback voltage high side rising
105.3%
Feedback voltage high side
104.7%
falling
Twarn
Temperature warning threshold
125
°C
I2C INTERFACE
VIH
SDA,SCL input high voltage
2
V
VIL
SDA,SCL input low voltage
0.8
V
II
Input current
SDA, SCL, VI = 0.4 V to 4.5 V
–10
10
µA
VOL
SDA output low voltage
SDA open drain, IOL = 2 mA
0.4
V
f(SCL)
Maximum SCL clock frequency
400
kHz
Capacitance of one bus line (SCL and
CB
400
pF
SDA)
6.6 I
2C Interface Timing Requirements
MIN
MAX
UNIT
tBUF
Bus free time between a STOP and START condition
1.3
µs
tHD, STA
Hold time (Repeated) START condition
0.6
µs
tSU, STO
Setup time for STOP condition
0.6
µs
tLOW
LOW period of the SCL clock
1.3
µs
tHIGH
HIGH period of the SCL clock
0.6
µs
tSU, STA
Setup time for a repeated START condition
0.6
µs
tSU, DAT
Data setup time
0.1
µs
tHD, DAT
Data hold time
0
0.9
µs
tRCL
Rise time of SCL signal
20 + 0.1CB
300
ns
tRCL1
Rise time of SCL signal after a repeated START condition and after an acknowledge BIT
20 + 0.1CB
300
ns
tf
Fall time of SCL signal
20 + 0.1CB
300
ns
tr
Rise time of SDA signal
20 + 0.1CB
300
ns
tFDA
Fall time of SDA signal
20 + 0.1CB
300
ns
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT VOLTAGE
Tr, Tf
13-V/18-V Transition rising falling time
Ccap = 5.6 nF
0.33
ms
TONE
Trtone
Tone rise time
IOUT = 0 to 500 mA, COUT = 100 nF
10
µs
Tftone
Tone fall time
IOUT = 0 to 500 mA, COUT = 100 nF
10
µs
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS65233-1


Similar Part No. - TPS65233-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65233 TI1-TPS65233 Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS65233RTE TI1-TPS65233RTE Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS65233RTER TI1-TPS65233RTER Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS65233RTET TI1-TPS65233RTET Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
More results

Similar Description - TPS65233-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65235 TI1-TPS65235 Datasheet
1Mb / 37P
[Old version datasheet]   LNB Voltage Regulator
logo
Allegro MicroSystems
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
   LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
   LNB Supply and control voltage regulator
logo
Allegro MicroSystems
A8285SLBTR-T ALLEGRO-A8285SLBTR-T Datasheet
470Kb / 18P
   LNB Supply and Control Voltage Regulator
logo
Texas Instruments
TPS65233 TI1-TPS65233 Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS65235-1 TI1-TPS65235-1 Datasheet
2Mb / 39P
[Old version datasheet]   LNB Voltage Regulator With I2C Interface
logo
Allegro MicroSystems
8283 ALLEGRO-8283 Datasheet
157Kb / 8P
   LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
November 21, 2000
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
   LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com