Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65233-1RTER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65233-1RTER
Description  LNB Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65233-1RTER Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65233-1RTER Datasheet HTML 6Page - Texas Instruments TPS65233-1RTER Datasheet HTML 7Page - Texas Instruments TPS65233-1RTER Datasheet HTML 8Page - Texas Instruments TPS65233-1RTER Datasheet HTML 9Page - Texas Instruments TPS65233-1RTER Datasheet HTML 10Page - Texas Instruments TPS65233-1RTER Datasheet HTML 11Page - Texas Instruments TPS65233-1RTER Datasheet HTML 12Page - Texas Instruments TPS65233-1RTER Datasheet HTML 13Page - Texas Instruments TPS65233-1RTER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ss
cad
ss
C (nF)
T
(ms)
0.5
I ( A)
=
´
m
1.178
SEL
SEL
R
(k )
124.11 I
(A)
-
W =
´
500
450
400
350
300
250
200
150
100
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
y = 124.11x
-1.178
ISEL (A)
TPS65233-1
SLVSD66 – SEPTEMBER 2015
www.ti.com
Feature Description (continued)
If two or more set top box LNB outputs are connected together, one output voltage could be set higher than
others. The output with lower set voltage would be effectively turned off. Once the voltage drops to the set level,
the LNB output with lower set output voltage will return to normal conditions.
7.3.2 Linear Regulator and Current Limit
The linear regulator is used to generate the 22-kHz tone signal by changing the reference voltage. The linear
regulator features low drop out voltage to minimize power loss while keeping enough head room for the 0.68-V,
22-kHz tone. It also implements a tight current limit for over current protection. The current limit is set by an
external resistor connected to the ISEL pin. The curve below shows the relationship between the current limit
threshold and the resistor value.
Figure 8. Linear Regulator Current Limit vs Resistor
(1)
A 280-k
Ω resistor sets the current to 0.5 A. The current limit can also be set by I2C through a register.
7.3.3 Charge Pump
The charge pump circuitry generates a voltage to drive the NMOS of the linear regulator. One end the charge
pump capacitor is connected to the output of the boost converter. The voltage on the charge pump capacitor is
about 6.25 V.
7.3.4 Slew Rate Control
When LNB output voltage transits from 13 V to 18 V or vice versa, the capacitor at pin TCAP controls the
transition time. This transition is to make sure the boost converter can follow the voltage change. Usually boost
converter has low bandwidth and can’t response fast. The voltage at TCAP acts as the reference voltage of the
linear regulator. The boost converter’s reference is also based on TCAP with additional fixed voltage to generate
0.8 V above the output.
The charging and discharging current is 10 µA, thus the transition time can be calculated as:
(2)
A 22-nF capacitor generates a 1.1-ms transition time.
In light load conditions, when LNB output voltage is set from 18 to 13 V, the voltage might drops very slow, which
might cause wrong logic detection at LNB side. The TPS65233-1 has an integrated pull down circuit to pull down
the output during the transition. This ensures the voltage change can follow the voltage at TCAP. Meanwhile,
when the 22-kHz tone signal is superimposing on the LNB output voltage, the pull down current can also provide
a square wave instead of distorted waveforms, which could cause another detection problem.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS65233-1


Similar Part No. - TPS65233-1RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65233 TI1-TPS65233 Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS65233RTE TI1-TPS65233RTE Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS65233RTER TI1-TPS65233RTER Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS65233RTET TI1-TPS65233RTET Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
More results

Similar Description - TPS65233-1RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65235 TI1-TPS65235 Datasheet
1Mb / 37P
[Old version datasheet]   LNB Voltage Regulator
logo
Allegro MicroSystems
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
   LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
   LNB Supply and control voltage regulator
logo
Allegro MicroSystems
A8285SLBTR-T ALLEGRO-A8285SLBTR-T Datasheet
470Kb / 18P
   LNB Supply and Control Voltage Regulator
logo
Texas Instruments
TPS65233 TI1-TPS65233 Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS65235-1 TI1-TPS65235-1 Datasheet
2Mb / 39P
[Old version datasheet]   LNB Voltage Regulator With I2C Interface
logo
Allegro MicroSystems
8283 ALLEGRO-8283 Datasheet
157Kb / 8P
   LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
November 21, 2000
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
   LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com