Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650732RSLR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650732RSLR
Description  Single Chip Power Solution for Battery Powered Systems
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650732RSLR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS650732RSLR Datasheet HTML 2Page - Texas Instruments TPS650732RSLR Datasheet HTML 3Page - Texas Instruments TPS650732RSLR Datasheet HTML 4Page - Texas Instruments TPS650732RSLR Datasheet HTML 5Page - Texas Instruments TPS650732RSLR Datasheet HTML 6Page - Texas Instruments TPS650732RSLR Datasheet HTML 7Page - Texas Instruments TPS650732RSLR Datasheet HTML 8Page - Texas Instruments TPS650732RSLR Datasheet HTML 9Page - Texas Instruments TPS650732RSLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
TPS65070, TPS65072
TPS65073, TPS650731, TPS650732
SLVS950H – JULY 2009 – REVISED SEPTEMBER 2015
www.ti.com
Pin Functions (continued)
PIN
NO.
I/O
DESCRIPTION
NAME
TPS65072
TPS6507x
SCLK
28
28
I
Clock input for the I2C interface.
SDAT
27
27
I/O
Data line for the I2C interface.
System voltage; output of the power path manager. All voltage regulators are typically powered from this
SYS
7, 8
7, 8
O
output.
Temperature sense input. Connect to NTC thermistor to sense battery pack temperature. TPS6507x can be
internally programmed to operate with a 10-k
Ω curve 2 or 100-kΩ curve 1 thermistor. To linearize the
TS
11
11
I
thermistor response, use a 75-k
Ω (for the 10-kΩ NTC) or a 360-kΩ (for the 100-kΩ NTC) in parallel with the
thermistor. Default setting is 10-k
Ω NTC.
Input power for power path manager, connect to external voltage from a USB port. Connect external 1 µF
USB
12
12
I
(minimum) to GND. Default input current limit is 500 mA maximum.
CONVERTERS
AGND
42
42
Analog GND, connect to PGND (thermal pad)
DEFDCDC2
18
18
I
Select Pin of DCDC2 output voltage.
DEFDCDC3
17
17
I
Select Pin of DCDC3 output voltage.
EN_DCDC1
14
14
I
Enable Input for DCDC1, active high
EN_DCDC2
15
15
I
Enable Input for DCDC2, active high
EN_DCDC3
16
16
I
Enable Input for DCDC3, active high
TPS65072:
This pin is the active high, push-pull output to enable an external LDO. This pin will be set and reset during
startup and shutdown by the sequencing option programmed. The output is pulled internally to the SYS
EN_EXTLDO
39
O
voltage if HIGH.
The output is only used for sequencing options for Sirf Prima or Atlas 4 processors with DCDC_SQ[2..0] =
100 or DCDC_SQ[2..0] = 111.
TPS65072, : This pin is the actively high enable input for the wLED driver. The wLED converter is enabled by
EN_wLED
47
I
the ENABLE ISINK Bit OR enable EN_wLED pin.
FB_WLED
38
38
I
Feedback input for the boost converter's output voltage.
Connect a resistor from this pin to GND to set the full scale current for Isink1 and Isink2 with Bit Current Level
ISET1
in register WLED_CTRL0 set to 1.
35
35
I
(AD_IN6)
Analog input6 for the A/D converter.
Connect a resistor from this pin to GND to set the full scale current for Isink1 and Isink2 with Bit Current Level
ISET2
in register WLED_CTRL0 set to 0.
36
36
I
(AD_IN7)
Analog input7 for the A/D converter.
ISINK1
34
34
I
Input to the current sink 1. Connect the cathode of the LEDs to this pin.
ISINK2
33
33
I
Input to the current sink 2. Connect the cathode of the LEDs to this pin.
L1
20
20
O
Switch Pin for DCDC1. Connect to Inductor
L2
22
22
O
Switch Pin of DCDC2. Connect to Inductor.
L3
31
31
O
Switch Pin of DCDC3. Connect to Inductor.
L4
37
37
I
Switch Pin of the white LED (wLED) boost converter. Connect to Inductor and rectifier diode.
Enable input for TPS6507x. When pulled LOW, the DCDC converters and LDOs start with the sequencing as
PB_IN
25
25
I
programmed internally. Internal 50kO pullup resistor to AVDD6
Open-drain output. This pin is driven by the status of the /PB_IN input (after debounce). PB_OUT=LOW if
PB_OUT
24
24
O
PB_IN=LOW
PGND3
30
30
Power GND for DCDC3. Connect to PGND (thermal pad)
Open-drain power good output. The delay time equals the setting for Reset. The pin will go low depending on
PGOOD
26
26
O
the setting in register PGOODMASK. Optionally it is also driven LOW for 0.5 ms when PB_IN is pulled LOW
for >15s.
Power_ON input for the internal state machine. After PB_IN was pulled LOW to turn on the TPS6507x, the
POWER_ON pin needs to be pulled HIGH by the application processor to keep the system in ON-state when
POWER_ON
13
13
I
PB_IN is released HIGH. If POWER_ON is released LOW, the DCDC converters and LDOs will turn off when
PB_IN is HIGH.
TPS65070, TPS65073, TPS650731, TPS650732:
RESET
39
O
Open-drain active low reset output, reset delay time equals settings in register PGOOD. The status depends
on the voltage applied at THRESHOLD.
TPS65070, TPS65073, TPS650731, TPS650732:Input for the reset comparator. RESET will be LOW if this
THRESHOLD
47
I
voltage drops below 1 V.
Feedback voltage sense input. For the fixed voltage option, this pin must directly be connected to Vout1, for
VDCDC1
19
19
I
the adjustable version, this pin is connected to an external resistor divider.
VDCDC2
23
23
I
Feedback voltage sense input, connect directly to Vout2
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPS65070 TPS65072 TPS65073 TPS650731 TPS650732


Similar Part No. - TPS650732RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650732RSLR TI-TPS650732RSLR Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS650732RSLR TI-TPS650732RSLR Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650732RSLR TI-TPS650732RSLR Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS650732RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com