Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS179-92LF-EVB Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # AS179-92LF-EVB
Description  General purpose medium-power switches in telecommunication applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS179-92LF-EVB Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

  AS179-92LF-EVB Datasheet HTML 1Page - Skyworks Solutions Inc. AS179-92LF-EVB Datasheet HTML 2Page - Skyworks Solutions Inc. AS179-92LF-EVB Datasheet HTML 3Page - Skyworks Solutions Inc. AS179-92LF-EVB Datasheet HTML 4Page - Skyworks Solutions Inc. AS179-92LF-EVB Datasheet HTML 5Page - Skyworks Solutions Inc. AS179-92LF-EVB Datasheet HTML 6Page - Skyworks Solutions Inc. AS179-92LF-EVB Datasheet HTML 7Page - Skyworks Solutions Inc. AS179-92LF-EVB Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DATA SHEET
• AS179-92LF: SPDT SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
January 25, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200176H
1
2
3
4
5
6
J3
J2
J1
RF Output
RF Output
RF Output
V2
V1
GND
200176H-006
C3
C2
C1
DC Control
Voltage
DC Control
Voltage
Note: Use 100 pF blocking capacitors (C1, C2, C3) for >500 MHz operation. Higher values
recommended for lower frequency operation. Exposed paddle must be grounded.
Use 10 nF blocking capacitors (C1, C2, C3) for <50 MHz operation.
Figure 6. AS179-92LF Evaluation Board Schematic
V2
V1
J1
J3
C3
THRU
C1
C2
J2
200176H-007
Figure 7. AS179-92LF Evaluation Board Assembly Diagram


Similar Part No. - AS179-92LF-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS179-92LF SKYWORKS-AS179-92LF Datasheet
109Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-3 GHz
AS179-92LF SKYWORKS-AS179-92LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
logo
TECH PUBLIC Electronics...
AS179-92LF TECHPUBLIC-AS179-92LF Datasheet
3Mb / 5P
   GaAs DC-3 GHz SPDT Switch
More results

Similar Description - AS179-92LF-EVB

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
2N22907A RAYTHEON-2N22907A Datasheet
777Kb / 12P
   Medium Current General Purpose Amplifiers and Switches
logo
Continental Device Indi...
2N6705 CDIL-2N6705 Datasheet
67Kb / 3P
   General Purpose Medium Power Amplifier
2N6707 CDIL-2N6707 Datasheet
132Kb / 3P
   General Purpose Medium Power Amplifier
logo
Fairchild Semiconductor
KSE44H FAIRCHILD-KSE44H Datasheet
41Kb / 4P
   General Purpose Power Switching Applications
KSE45H11TU FAIRCHILD-KSE45H11TU Datasheet
46Kb / 4P
   General Purpose Power Switching Applications
KSE44H11TU FAIRCHILD-KSE44H11TU Datasheet
46Kb / 4P
   General Purpose Power Switching Applications
KSE45H FAIRCHILD-KSE45H Datasheet
40Kb / 4P
   General Purpose Power Switching Applications
logo
National Instruments Co...
PXI-2568 NI-PXI-2568 Datasheet
163Kb / 3P
   Medium-Power General-Purpose SPST Relays
logo
Cystech Electonics Corp...
ZD4694SH CYSTEKEC-ZD4694SH Datasheet
277Kb / 8P
   General purpose, medium current
logo
New Jersey Semi-Conduct...
BCY70 NJSEMI-BCY70 Datasheet
106Kb / 3P
   GENERAL PURPOSE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com