Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS186-302LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # AS186-302LF
Description  Three-switch solution for base station synthesizer switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS186-302LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  AS186-302LF_15 Datasheet HTML 1Page - Skyworks Solutions Inc. AS186-302LF_15 Datasheet HTML 2Page - Skyworks Solutions Inc. AS186-302LF_15 Datasheet HTML 3Page - Skyworks Solutions Inc. AS186-302LF_15 Datasheet HTML 4Page - Skyworks Solutions Inc. AS186-302LF_15 Datasheet HTML 5Page - Skyworks Solutions Inc. AS186-302LF_15 Datasheet HTML 6Page - Skyworks Solutions Inc. AS186-302LF_15 Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DATA SHEET • AS186-302LF: POSITIVE CONTROL SPDT NONREFLECTIVE SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200104E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • April 9, 2015
3
Table 3. Electrical Specifications (Note 1)
(–40
C ≤ TOP ≤ +85 C, VCTL = 0/5 V, ZO = 50 , Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Minimum
Typical
Maximum
Units
Insertion loss
IL
LF to 2 GHz
LF to 3 GHz
LF to 4 GHz
0.8
0.9
1.0
1.05
1.15
1.25
dB
dB
dB
Isolation (Note 2)
ISO
LF to 2 GHz
LF to 3 GHz
LF to 4 GHz
50
45
35
55
50
40
dB
dB
dB
VSWR (On state)
VSWR
LF to 2 GHz
LF to 4 GHz
1.3:1
1.3:1
1.5:1
1.6:1
VSWR (Off state)
VSWR
0.5 to 4 GHz
1.35:1
1.7:1
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
Note 2: Backside of exposed pad must be connected to RF ground to obtain specified isolation.
Table 4. Electrical Specifications: Operating Characteristics
(–40
C < TOP < +85 C, VCTL = 0/5 V, ZO = 50 , Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Minimum
Typical
Maximum
Units
Control voltages
Low @ 20
A max
High
VCTL_L
VCTL_H
0
3 (@ 100
A)
0.2
5 (@ 200
A)
V
V
Input power for 1 dB compression
IP1dB
0.9 to 4 GHz:
VCTL = 0/3 V
VCTL = 0/5 V
23
27
25
30
dBm
dBm
Input third order intermodulation
intercept point
IIP3
0.9 to 4 GHz, for two-tone input power 8 dBm:
VCTL = 0/3 V
VCTL = 0/5 V
27
42
38
46
dBm
dBm
Switching characteristics:
Rise, fall time
On, off time
Video feedthru
tR, tF
tON, tOFF
VFT
10/90% or 90/10% RF
50% CTL to 90/10% RF
tR = 3 ns, BW = 500 MHz
30
50
25
ns
ns
mV
Thermal resistance
JA
25
C/W
Table 5. Compression Point vs Voltage and Temperature @ 900 MHz
Control voltage (V)
Temperature (
C)
Input Power @ 1 dB Compression (dBm)
Input Power @ 0.1 dB Compression (dBm)
3
–40
20.5
16.5
3
+25
20
15.3
3
+85
19
14
5
–40
28.5
23
5
+25
28
23
5
+85
27.5
23


Similar Part No. - AS186-302LF_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS186-302LF SKYWORKS-AS186-302LF_17 Datasheet
613Kb / 7P
   GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF to 4 GHz
More results

Similar Description - AS186-302LF_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E7508 ETC1-E7508 Datasheet
618Kb / 2P
   Core/Edge Switch Solution
logo
Pepperl+Fuchs Inc.
CBL-IDMX61-B-JX-S-S07-N0 PF-CBL-IDMX61-B-JX-S-S07-N0 Datasheet
463Kb / 1P
   Connection cable for base station
logo
TDK Electronics
B39192B5180U410 TDK-B39192B5180U410 Datasheet
140Kb / 8P
   SAW filter for base station
logo
Epson ToYoCom
HF-S14A EPSONTOYOCOM-HF-S14A Datasheet
482Kb / 2P
   CRYSTAL FILTER FOR BASE STATION
logo
Pepperl+Fuchs Inc.
U-P6-B5 PF-U-P6-B5 Datasheet
350Kb / 2P
   Base for read/write station
U-P6-B6-V15B PF-U-P6-B6-V15B Datasheet
363Kb / 2P
   Base for read/write station
U-P6-B6 PF-U-P6-B6 Datasheet
332Kb / 2P
   Base for read/write station
logo
TDK Electronics
B39192B5305U410 TDK-B39192B5305U410 Datasheet
153Kb / 9P
   SAW filter for base station
logo
Pepperl+Fuchs Inc.
U-P3-R4 PF-U-P3-R4 Datasheet
316Kb / 2P
   Base for read/write station
U-P4-R4 PF-U-P4-R4 Datasheet
290Kb / 2P
   Base for read/write station
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com