Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B340LADITR-ND Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # B340LADITR-ND
Description  Li-Ion/Polymer Linear Battery Charger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

B340LADITR-ND Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button B340LADITR-ND Datasheet HTML 4Page - Skyworks Solutions Inc. B340LADITR-ND Datasheet HTML 5Page - Skyworks Solutions Inc. B340LADITR-ND Datasheet HTML 6Page - Skyworks Solutions Inc. B340LADITR-ND Datasheet HTML 7Page - Skyworks Solutions Inc. B340LADITR-ND Datasheet HTML 8Page - Skyworks Solutions Inc. B340LADITR-ND Datasheet HTML 9Page - Skyworks Solutions Inc. B340LADITR-ND Datasheet HTML 10Page - Skyworks Solutions Inc. B340LADITR-ND Datasheet HTML 11Page - Skyworks Solutions Inc. B340LADITR-ND Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AAT3682
DATA SHEET
Li-Ion/Polymer Linear Battery Charger
8
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201884B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
Functional Description
The AAT3682 is a linear charger designed for single-cell
lithium-ion/polymer batteries. It is a full-featured bat-
tery management system IC with multiple levels of
power savings, system communication, and protection
integrated inside. Refer to the block diagram above and
the flow chart and typical charge profile graph (Figures
1 and 2) in this section.
Cell Preconditioning
Before the start of charging, the AAT3682 checks sev-
eral conditions in order to maintain a safe charging envi-
ronment. The input supply must be above the minimum
operating voltage, or under-voltage lockout threshold
(VUVLO), for the charging sequence to begin. Also, the cell
temperature, as reported by a thermistor connected to
the TS pin, must be within the proper window for safe
charging.
Functional Block Diagram
MUX
T2X
LED Signal
Generator
Microcontroller
Status Generator
Microcontroller
Read Enable
Charge Status
Logic Control
Power-On
Reset
VSS
STAT
DRV
GATE
BAT
Under-Voltage
Lock Out
Over-Current /
Short-Circuit
Protection
2X Trickle
Charge
Control
Loop Select
MUX
Driver
V
REF
Temperature
Sense
Comparator
Voltage
Comparator
Voltage Loop
Error Amp
Current Loop
Error Amp
VP
VCC
BSENSE
T2X
TS
CSI


Similar Part No. - B340LADITR-ND

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340LA DIODES-B340LA Datasheet
67Kb / 2P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. B-2
logo
Weitron Technology
B340LA WEITRON-B340LA Datasheet
214Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B340LA DIODES-B340LA Datasheet
98Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 September 2010
logo
Linear Technology
B340LA LINER-B340LA Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
logo
Diodes Incorporated
B340LA-13-F DIODES-B340LA-13-F Datasheet
459Kb / 3P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. 6 - 2
More results

Similar Description - B340LADITR-ND

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com