Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B340LADITR-ND Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # B340LADITR-ND
Description  Li-Ion/Polymer Linear Battery Charger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

B340LADITR-ND Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button B340LADITR-ND Datasheet HTML 6Page - Skyworks Solutions Inc. B340LADITR-ND Datasheet HTML 7Page - Skyworks Solutions Inc. B340LADITR-ND Datasheet HTML 8Page - Skyworks Solutions Inc. B340LADITR-ND Datasheet HTML 9Page - Skyworks Solutions Inc. B340LADITR-ND Datasheet HTML 10Page - Skyworks Solutions Inc. B340LADITR-ND Datasheet HTML 11Page - Skyworks Solutions Inc. B340LADITR-ND Datasheet HTML 12Page - Skyworks Solutions Inc. B340LADITR-ND Datasheet HTML 13Page - Skyworks Solutions Inc. B340LADITR-ND Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AAT3682
DATA SHEET
Li-Ion/Polymer Linear Battery Charger
10
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201884B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
Preconditioning
(Trickle Charge)
Phase
Constant Current
Phase
Constant Voltage
Phase
Output Charge
Voltage (VCH)
Preconditioning
Voltage Threshold
(VMIN)
Regulation
Current
(ICHARGE(REG))
Trickle Charge
and Termination
Threshold
Figure 2: Typical Charge Profile.
When these conditions have been met and a battery is
connected to the BAT pin, the AAT3682 checks the state
of the battery. If the cell voltage is below VMIN, the
AAT3682 begins preconditioning the cell. This is per-
formed by charging the cell with 10% of the programmed
constant current amount. For example, if the programmed
charge current is 500mA, then the preconditioning mode
(trickle charge) current will be 50mA. Cell preconditioning
is a safety precaution for deeply discharged cells and,
furthermore, limits power dissipation in the pass transis-
tor when the voltage across the device is largest. The
AAT3682 features an optional T2X mode, which allows
faster trickle charging at approximately two times the
default rate. This mode is selected by connecting the T2X
pin to VSS. If an over-temperature fault is triggered, the
fast trickle charge will be latched off, and the AAT3682 will
continue at the default 10% charge current.
Constant Current Charging
The cell preconditioning continues until the voltage on
the BAT pin reaches VMIN. At this point, the AAT3682
begins constant current charging (fast charging). Current
level for this mode is programmed using a current sense
resistor RSENSE between the VCC and CSI pins. The CSI
pin monitors the voltage across RSENSE to provide feed-
back for the current control loop. The AAT3682 remains
in constant current charge mode until the battery reach-
es the voltage regulation point, VCH.
Constant Voltage Charging
When the battery voltage reaches VCH during constant
current mode, the AAT3682 transitions to constant volt-
age mode. The regulation voltage is factory programmed
to 4.2V. In constant voltage operation, the AAT3682
monitors the cell voltage and terminates the charging
cycle when the voltage across RSENSE decreases to
approximately 10mV.
Charge Cycle Termination,
Recharge Sequence
After the charge cycle is complete, the AAT3682 shuts
off the pass device and automatically enters power-
saving sleep mode. Either of two possible conditions will
bring the IC out of sleep mode: the battery voltage at
the BAT pin drops below VRCH (recharge threshold volt-
age) or the AAT3682 is reset by cycling the input supply
through the power-on sequence. Falling below VRCH sig-
nals the IC that it is time to initiate a new charge cycle.
Sleep Mode
When the input supply is disconnected, the device auto-
matically enters power-saving sleep mode. Only con-
suming an ultra-low 2μA current, the AAT3682 minimizes
battery drain when it is not charging. This feature is
particularly useful in applications where the input supply
level may fall below the battery charge or under-voltage
lockout level. In such cases, where the AAT3682 input
voltage drops, the device will enter the sleep mode and
automatically resume charging once the input supply has
recovered from its fault condition. This makes the
AAT3682 well suited for USB battery charger applica-
tions.
Charge Inhibit
The AAT3682 charging cycle is fully automatic; however,
it is possible to stop the device from charging even when
all conditions are met for proper charging. Switching the
TS pin to either VIN or GND will force the AAT3682 to turn
off the pass device and wait for a voltage between the
low and high temperature voltage thresholds.


Similar Part No. - B340LADITR-ND

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340LA DIODES-B340LA Datasheet
67Kb / 2P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. B-2
logo
Weitron Technology
B340LA WEITRON-B340LA Datasheet
214Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B340LA DIODES-B340LA Datasheet
98Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 September 2010
logo
Linear Technology
B340LA LINER-B340LA Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
logo
Diodes Incorporated
B340LA-13-F DIODES-B340LA-13-F Datasheet
459Kb / 3P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. 6 - 2
More results

Similar Description - B340LADITR-ND

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com