Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY12228-12LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY12228-12LF
Description  High IIP3, 0.7 to 1.0 GHz Variable Attenuator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY12228-12LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY12228-12LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY12228-12LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY12228-12LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY12228-12LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY12228-12LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY12228-12LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY12228-12LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY12228-12LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY12228-12LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET • SKY12228-12LF VARIABLE ATTENUATOR
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202500D • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • April 6, 2015
3
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY12228-12LF are
provided in Table 2. Electrical specifications are provided in
Table 3.
Performance characteristics for the SKY12228-12LF are
illustrated in Figures 3 through 6.
Table 2. SKY12228-12LF Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Maximum
Units
Reverse diode voltage
VREVERSE
10
V
RF input power:
CW
@ 12.5% duty cycle
PIN
0.5
4.0
W
W
Control current
ICONTROL
50
mA
Storage temperature
TSTG
–65
+125
C
Operating temperature
TOP
–40
+85
C
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SKY12228-12LF Electrical Specifications (Note 1)
(TOP = +25
C, ICONTROL = 0 to 1.5 mA, PIN = 0 dBm, Characteristic Impedance [ZO] = 50 Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Insertion loss
IL
ICONTROL = 0 mA,
f = 0.7 to 1.0 GHz
0.7
1.5
dB
Attenuation
Attn
ICONTROL = 1.5 mA,
f = 0.85 GHz
18.5
39.0
dB
Return loss
RL
ICONTROL = 0 mA,
f = 0.7 to 1.0 GHz
9.5
22.0
dB
Third order input intercept point
IIP3
PIN = 0 dBm each tone,
ICONTROL = 0 mA,
spacing = 10 MHz,
f = 0.7 to 1.0 GHz
+60
dBm
Switching characteristics:
Rise, fall time
On, off time
tRISE, tFALL
tON, tOFF
10/90% or 90/10% of RF
50% VCONTROL to 90/10%
of RF
3
2
μs
μs
Note 1: Performance is guaranteed only under the conditions listed in this table.


Similar Part No. - SKY12228-12LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY12207-478LF SKYWORKS-SKY12207-478LF Datasheet
983Kb / 18P
   SKY12207-478LF 0.9-4.0 GHz 50 W High Power Silicon PIN Diode SPDT Switch
SKY12212-478LF SKYWORKS-SKY12212-478LF Datasheet
958Kb / 16P
   SKY12212-478LF 0.05-2.70 GHz, 100 W High Power Silicon PIN Diode SPDT Switch
SKY12230-12LF SKYWORKS-SKY12230-12LF Datasheet
855Kb / 9P
   High IIP3, 1.7 to 2.3 GHz Variable Attenuator
SKY12232-21 SKYWORKS-SKY12232-21 Datasheet
616Kb / 10P
   High IIP3 2.65-3.65 GHz Voltage-Controlled Variable Attenuator
SKY12239-11 SKYWORKS-SKY12239-11 Datasheet
1Mb / 10P
   High IIP3 10 MHz to 1.5 GHz Voltage-Controlled Variable Attenuator
More results

Similar Description - SKY12228-12LF

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4VAT904-1061T MA-COM-MA4VAT904-1061T Datasheet
199Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 0.8 - 1.0 GHz
MA4VAT907-1061T MA-COM-MA4VAT907-1061T Datasheet
192Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 0.8 - 1.0 GHz
logo
Tyco Electronics
MA4VAT907-1061T MACOM-MA4VAT907-1061T Datasheet
368Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 0.80-1.0 GHz
MA4VAT904-1061T MACOM-MA4VAT904-1061T Datasheet
385Kb / 4P
   High IIP3 PIN Diode Variable Attenuator (0.80-1.0 GHz)
logo
Skyworks Solutions Inc.
SKY12230-12LF SKYWORKS-SKY12230-12LF Datasheet
855Kb / 9P
   High IIP3, 1.7 to 2.3 GHz Variable Attenuator
logo
M/A-COM Technology Solu...
MA4VAT2007-1061T MA-COM-MA4VAT2007-1061T Datasheet
218Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 1.7 - 2.0 GHz
logo
Skyworks Solutions Inc.
SKY12239-11 SKYWORKS-SKY12239-11 Datasheet
1Mb / 10P
   High IIP3 10 MHz to 1.5 GHz Voltage-Controlled Variable Attenuator
SKY12232-21 SKYWORKS-SKY12232-21 Datasheet
616Kb / 10P
   High IIP3 2.65-3.65 GHz Voltage-Controlled Variable Attenuator
logo
M/A-COM Technology Solu...
MA4VAT2004-1061T MA-COM-MA4VAT2004-1061T Datasheet
213Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 1.7 - 2.0 GHz
logo
Tyco Electronics
MA4VAT2004-1061T MACOM-MA4VAT2004-1061T Datasheet
399Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 1.70-2.00 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com