Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY12228-12LF-EVB Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SKY12228-12LF-EVB
Description  High IIP3, 0.7 to 1.0 GHz Variable Attenuator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY12228-12LF-EVB Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

  SKY12228-12LF-EVB Datasheet HTML 1Page - Skyworks Solutions Inc. SKY12228-12LF-EVB Datasheet HTML 2Page - Skyworks Solutions Inc. SKY12228-12LF-EVB Datasheet HTML 3Page - Skyworks Solutions Inc. SKY12228-12LF-EVB Datasheet HTML 4Page - Skyworks Solutions Inc. SKY12228-12LF-EVB Datasheet HTML 5Page - Skyworks Solutions Inc. SKY12228-12LF-EVB Datasheet HTML 6Page - Skyworks Solutions Inc. SKY12228-12LF-EVB Datasheet HTML 7Page - Skyworks Solutions Inc. SKY12228-12LF-EVB Datasheet HTML 8Page - Skyworks Solutions Inc. SKY12228-12LF-EVB Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DATA SHEET • SKY12228-12LF: VARIABLE ATTENUATOR
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202500D • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • April 6, 2015
7
0.1630
0.0200 Diam.
Via 4 Places
0.0190 Typ.
0.0555 Typ.
S3220
Dimensions are in inches
Figure 10. SKY12228-12LF PCB Layout Footprint
Pin 1
Indicator
Skyworks Part #
Date Code:
(YY = Calendar Year
WW = Week)
Figure 11. Typical Part Markings
(Top View)


Similar Part No. - SKY12228-12LF-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY12207-478LF SKYWORKS-SKY12207-478LF Datasheet
983Kb / 18P
   SKY12207-478LF 0.9-4.0 GHz 50 W High Power Silicon PIN Diode SPDT Switch
SKY12212-478LF SKYWORKS-SKY12212-478LF Datasheet
958Kb / 16P
   SKY12212-478LF 0.05-2.70 GHz, 100 W High Power Silicon PIN Diode SPDT Switch
SKY12230-12LF SKYWORKS-SKY12230-12LF Datasheet
855Kb / 9P
   High IIP3, 1.7 to 2.3 GHz Variable Attenuator
SKY12232-21 SKYWORKS-SKY12232-21 Datasheet
616Kb / 10P
   High IIP3 2.65-3.65 GHz Voltage-Controlled Variable Attenuator
SKY12239-11 SKYWORKS-SKY12239-11 Datasheet
1Mb / 10P
   High IIP3 10 MHz to 1.5 GHz Voltage-Controlled Variable Attenuator
More results

Similar Description - SKY12228-12LF-EVB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4VAT904-1061T MA-COM-MA4VAT904-1061T Datasheet
199Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 0.8 - 1.0 GHz
MA4VAT907-1061T MA-COM-MA4VAT907-1061T Datasheet
192Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 0.8 - 1.0 GHz
logo
Tyco Electronics
MA4VAT907-1061T MACOM-MA4VAT907-1061T Datasheet
368Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 0.80-1.0 GHz
MA4VAT904-1061T MACOM-MA4VAT904-1061T Datasheet
385Kb / 4P
   High IIP3 PIN Diode Variable Attenuator (0.80-1.0 GHz)
logo
Skyworks Solutions Inc.
SKY12230-12LF SKYWORKS-SKY12230-12LF Datasheet
855Kb / 9P
   High IIP3, 1.7 to 2.3 GHz Variable Attenuator
logo
M/A-COM Technology Solu...
MA4VAT2007-1061T MA-COM-MA4VAT2007-1061T Datasheet
218Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 1.7 - 2.0 GHz
logo
Skyworks Solutions Inc.
SKY12239-11 SKYWORKS-SKY12239-11 Datasheet
1Mb / 10P
   High IIP3 10 MHz to 1.5 GHz Voltage-Controlled Variable Attenuator
SKY12232-21 SKYWORKS-SKY12232-21 Datasheet
616Kb / 10P
   High IIP3 2.65-3.65 GHz Voltage-Controlled Variable Attenuator
logo
M/A-COM Technology Solu...
MA4VAT2004-1061T MA-COM-MA4VAT2004-1061T Datasheet
213Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 1.7 - 2.0 GHz
logo
Tyco Electronics
MA4VAT2004-1061T MACOM-MA4VAT2004-1061T Datasheet
399Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 1.70-2.00 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com