Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1555C1H2R2CZ01 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # GRM1555C1H2R2CZ01
Description  High Power (26 dBm) 802.11n WLAN Power Amplifier with Integrated Power Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

GRM1555C1H2R2CZ01 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  GRM1555C1H2R2CZ01 Datasheet HTML 1Page - Skyworks Solutions Inc. GRM1555C1H2R2CZ01 Datasheet HTML 2Page - Skyworks Solutions Inc. GRM1555C1H2R2CZ01 Datasheet HTML 3Page - Skyworks Solutions Inc. GRM1555C1H2R2CZ01 Datasheet HTML 4Page - Skyworks Solutions Inc. GRM1555C1H2R2CZ01 Datasheet HTML 5Page - Skyworks Solutions Inc. GRM1555C1H2R2CZ01 Datasheet HTML 6Page - Skyworks Solutions Inc. GRM1555C1H2R2CZ01 Datasheet HTML 7Page - Skyworks Solutions Inc. GRM1555C1H2R2CZ01 Datasheet HTML 8Page - Skyworks Solutions Inc. GRM1555C1H2R2CZ01 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203009E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • February 10, 2016
1
PRELIMINARY DATA SHEET
SE2605L: High Power (+26 dBm) 802.11n WLAN Power
Amplifier with Integrated Power Detector
Applications
 IEEE 802.11n WLAN enabled:
 Access points
 Media gateways
 Set top boxes
 LCD TVs
 Other broadband triple-play multimedia applications
Features
Linear output power for IEEE 802.11n, 64-QAM,
EVM ≤ 3% = +26 dBm @ 5.0 V
 High gain: 32 dB
 Power shutdown mode
 Superior gain flatness
 Fully matched at RF input/output ports
 Load insensitive power detector
 Small footprint QFN (16-pin, 3 x 3 mm) SMT package (MSL3,
260
C per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
Description
The SE2605L is a 2 GHz Microwave Monolithic Integrated Circuit
(MMIC) Power Amplifier (PA) with superior output power, linearity,
and efficiency. These features make the SE2605L ideal for
Wireless Local Area Network (WLAN IEEE 802.11n) applications.
The device is fabricated using SiGe BiCMOS technology. The
device is internally matched and mounted in a 20-pin, 4 x 4 mm
Quad Flat No-Lead (QFN) Surface-Mounted Technology (SMT)
package, which allows for a highly manufacturable low cost
solution.
A block diagram of the SE2605L is shown in Figure 1.The device
package and pinout for the 16-pin QFN are shown in Figure 2.
Signal pin assignments and functional pin descriptions are
described in Table 1.
RF_IN
PA_EN
RF_OUT
Input
Match
Bias
Inter-Stage
Match
Detector
Inter-Stage
Match
VDET
VCC3
VCC2
VCC1
Figure 1. SE2605L Block Diagram


Similar Part No. - GRM1555C1H2R2CZ01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
GRM1555C1H2R2CZ01 ATMEL-GRM1555C1H2R2CZ01 Datasheet
689Kb / 20P
   Fully Integrated Low IF Receiver
logo
Microchip Technology
GRM1555C1H2R2CZ01D MICROCHIP-GRM1555C1H2R2CZ01D Datasheet
1Mb / 50P
   Wireless Security Remote Control Development Kit User?셲 Guide
2012
More results

Similar Description - GRM1555C1H2R2CZ01

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85408-11 SKYWORKS-SKY85408-11 Datasheet
153Kb / 2P
   High-Power (23 dBm) 802.11ax Ultra-Linear WLAN Power Amplifier with Integrated Power Detector
RFX240 SKYWORKS-RFX240 Datasheet
916Kb / 6P
   2.4GHz High Power 802.11n WLAN Linear Power Amplifier
SKY85405-11 SKYWORKS-SKY85405-11 Datasheet
171Kb / 2P
   High-Power 802.11ac WLAN Power Amplifier
logo
Analog Devices
ADMV7710 AD-ADMV7710 Datasheet
297Kb / 17P
   Power Amplifier with Power Detector
logo
Fairchild Semiconductor
RMPA2271 FAIRCHILD-RMPA2271 Datasheet
373Kb / 9P
   WCDMA/UMTS Power Edge Power Amplifier Module with Integrated Power Detector
logo
Skyworks Solutions Inc.
SKY65135 SKYWORKS-SKY65135 Datasheet
492Kb / 13P
   WLAN Power Amplifier
logo
TriQuint Semiconductor
TQP5523 TRIQUINT-TQP5523_15 Datasheet
740Kb / 10P
   High Power 5 GHz WLAN Power Amplifier
TQP5525 TRIQUINT-TQP5525_15 Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
logo
Analog Devices
ADMV7810 AD-ADMV7810 Datasheet
291Kb / 17P
   Amplifier with Power Detector
logo
Skyworks Solutions Inc.
SKY65131 SKYWORKS-SKY65131_05 Datasheet
243Kb / 10P
   WLAN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com