Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY12361-350LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY12361-350LF
Description  0.1 to 3.7 GHz Four-Bit Digital Attenuator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY12361-350LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY12361-350LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY12361-350LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY12361-350LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY12361-350LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY12361-350LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY12361-350LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY12361-350LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY12361-350LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY12361-350LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET • SKY12361-350LF: FOUR-BIT DIGITAL ATTENUATOR
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202874A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 30, 2014
3
Table 3. SKY12361-350LF Electrical Specifications (Note 1) (1 of 2)
(VDD = 5 V, VCTL = 3.3 V, TOP = +25
C, PIN = 0 dBm, Characteristic Impedance [ZO] = 50 Ω, , Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
RF Specifications
Insertion loss (Note 2)
IL
@ 0.7 GHz
@ 1.9 GHz
@ 2.7 GHz
0.8
1.0
1.2
1.0
1.2
1.4
dB
dB
dB
Attenuation range
0.1 to 3.7 GHz
1
15
dB
Return loss
RL
0.1 to 2.7 GHz
15
dB
Attenuation accuracy
Attn
1 dB bit:
0.7 GHz
1.9 GHz
2.7 GHz
2 dB bit:
0.7 GHz
1.9 GHz
2.7 GHz
4 dB bit:
0.7 GHz
1.9 GHz
2.7 GHz
8 dB bit:
0.7 GHz
1.9 GHz
2.7 GHz
Max. attenuation (15 dB):
0.7 GHz
1.9 GHz
2.7 GHz
0.8
0.8
0.8
1.8
1.8
1.8
3.8
3.8
3.8
8.0
8.0
7.9
15.0
14.9
14.4
1
1
1
2.0
2.1
2.1
4.0
4.1
4.1
8.2
8.2
8.3
15.4
15.3
14.8
1.2
1.2
1.3
2.2
2.3
2.4
4.3
4.4
4.4
8.4
8.4
8.6
15.7
15.6
15.2
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
0.1 dB input compression point
IP0.1dB
VDD = 3 V @ 2.7 GHz
VDD = 5 V @ 2.7 GHz
+27
+29
dBm
dBm
Third order input intercept point
IIP3
PIN = +10 dBm/tone @ 2.7 GHz,
ΔF
= 1 MHz, worst case in 16 states:
VDD = 3 V
VDD = 5 V
+45
+47
dBm
dBm
DC Specifications
Control voltage:
Low
High
VCTL
0
3.3
0.8
VDD
V
V
Supply voltage
VDD
3.3
5.0
5.5
V
Supply current
IDD
VDD = 3.3 V
40
μA
Control current
ICTL
VDD = 3.3 V
5
μA
Switching Speed Specifications
On/rise
50% control to 90% RF
15
ns
Off/fall
50% control to 10% RF
30
ns
Settling time, 50% RF settled to
within 0.2 dB of final settled value
Insertion loss state
300
ns
Note 1: Performance is guaranteed only under the conditions listed in this table.
Note 2: Application board insertion loss has been removed from measurement.


Similar Part No. - SKY12361-350LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY12322-86LF SKYWORKS-SKY12322-86LF Datasheet
563Kb / 6P
   GaAs Digital Attenuator 500 MHz-4 GHz 5 Bits, 0.5 dB LSB
SKY12323-303LF SKYWORKS-SKY12323-303LF Datasheet
484Kb / 6P
   GaAs Digital Attenuator 500 MHz-3 GHz 5 Bits, 1 dB LSB
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
   GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
SKY12324-73LF SKYWORKS-SKY12324-73LF Datasheet
264Kb / 6P
   GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
SKY12325-350LF SKYWORKS-SKY12325-350LF Datasheet
509Kb / 4P
   3-Bit Digital Attenuator 500 MHz-6 GHz, 1 dB LSB
More results

Similar Description - SKY12361-350LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY12348-350LF SKYWORKS-SKY12348-350LF Datasheet
703Kb / 11P
   0.1-3.0 GHz Four-Bit Digital Attenuator (1 dB LSB)
logo
Tyco Electronics
MAATGM0004 MACOM-MAATGM0004 Datasheet
230Kb / 6P
   Attenuator, Digital, 5-Bit 0.1 - 20.0 GHz
logo
Analog Devices
HMC-C584 AD-HMC-C584 Datasheet
232Kb / 9P
   0.1 GHz to 40 GHz, 31 dB, 5-Bit Digital Attenuator
ADH941S AD-ADH941S Datasheet
351Kb / 8P
   0.1 GHz to 30 GHz Digital Attenuator Die
ADH939S AD-ADH939S Datasheet
333Kb / 8P
   0.1 GHz to 40 GHz Digital Attenuator Die
HMC1122 AD-HMC1122 Datasheet
612Kb / 15P
   0.1 GHz to 6.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Attenuator
HMC470A AD-HMC470A Datasheet
373Kb / 11P
   0.1 GHz to 3 GHz,1 dB LSB, 5-Bit, GaAs Digital Attenuator
HMC624A AD-HMC624A Datasheet
578Kb / 15P
   0.1 GHz to 6.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
HMC424ACHIPS AD-HMC424ACHIPS Datasheet
285Kb / 11P
   0.1 GHz to 13.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
logo
Hittite Microwave Corpo...
HMC288MS8 HITTITE-HMC288MS8_08 Datasheet
190Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com