Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1555C1H1R2CZ01 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # GRM1555C1H1R2CZ01
Description  High Power (26 dBm) 802.11n WLAN Power Amplifier with Integrated Power Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

GRM1555C1H1R2CZ01 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button GRM1555C1H1R2CZ01 Datasheet HTML 3Page - Skyworks Solutions Inc. GRM1555C1H1R2CZ01 Datasheet HTML 4Page - Skyworks Solutions Inc. GRM1555C1H1R2CZ01 Datasheet HTML 5Page - Skyworks Solutions Inc. GRM1555C1H1R2CZ01 Datasheet HTML 6Page - Skyworks Solutions Inc. GRM1555C1H1R2CZ01 Datasheet HTML 7Page - Skyworks Solutions Inc. GRM1555C1H1R2CZ01 Datasheet HTML 8Page - Skyworks Solutions Inc. GRM1555C1H1R2CZ01 Datasheet HTML 9Page - Skyworks Solutions Inc. GRM1555C1H1R2CZ01 Datasheet HTML 10Page - Skyworks Solutions Inc. GRM1555C1H1R2CZ01 Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PRELIMINARY DATA SHEET • SE2605L: HIGH POWER (+26 dBm) 802.11n WLAN PA
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
February 10, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203009E
S2585
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
1.75 ± 0.10
1.50 ± 0.10
1.50 ± 0.25
Reference Pin
Indicator
0.229 ± 0.02 (T)
4.25 ± 0.10 (Ao)
10o Max
10o Max
1.13 ± 0.10 (Ko)
4.25 ± 0.10
Notes:
1. Carrier tape material: black conductive polycarbonate
or polysterene
2. Cover tape material: transparent conductive PSA
3. Cover tape size: 9.3 mm width
4. ESD surface resistivity is ≤1 x 108 Ohms/square per EIA, JEDEC
tape and reel specification.
5. Tolerance: .XX = ±0.10
6. All measurements are in millimeters
A
B
B
A
B
A
Figure 8. SE2605L Tape and Reel Dimensions


Similar Part No. - GRM1555C1H1R2CZ01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM1555C1H1R2CA01D MURATA-GRM1555C1H1R2CA01D Datasheet
4Mb / 221P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM1555C1H1R2CZ01

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85408-11 SKYWORKS-SKY85408-11 Datasheet
153Kb / 2P
   High-Power (23 dBm) 802.11ax Ultra-Linear WLAN Power Amplifier with Integrated Power Detector
RFX240 SKYWORKS-RFX240 Datasheet
916Kb / 6P
   2.4GHz High Power 802.11n WLAN Linear Power Amplifier
SKY85405-11 SKYWORKS-SKY85405-11 Datasheet
171Kb / 2P
   High-Power 802.11ac WLAN Power Amplifier
logo
Analog Devices
ADMV7710 AD-ADMV7710 Datasheet
297Kb / 17P
   Power Amplifier with Power Detector
logo
Fairchild Semiconductor
RMPA2271 FAIRCHILD-RMPA2271 Datasheet
373Kb / 9P
   WCDMA/UMTS Power Edge Power Amplifier Module with Integrated Power Detector
logo
Skyworks Solutions Inc.
SKY65135 SKYWORKS-SKY65135 Datasheet
492Kb / 13P
   WLAN Power Amplifier
logo
TriQuint Semiconductor
TQP5523 TRIQUINT-TQP5523_15 Datasheet
740Kb / 10P
   High Power 5 GHz WLAN Power Amplifier
TQP5525 TRIQUINT-TQP5525_15 Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
logo
Analog Devices
ADMV7810 AD-ADMV7810 Datasheet
291Kb / 17P
   Amplifier with Power Detector
logo
Skyworks Solutions Inc.
SKY65131 SKYWORKS-SKY65131_05 Datasheet
243Kb / 10P
   WLAN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com