Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6011 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A6011
Description  Cascadable Amplifier 2000 to 6000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A6011 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A6011 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A6011 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A6011 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
2000 to 6000 MHz
Rev. V4
A6011 / SMA6011
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +5 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
GHz
1.5-6.0
2.0-6.0
2.0-6.0
Small Signal Gain (min)
dB
14.8
13.5
12.5
Gain Flatness (max)
dB
±0.6
±0.9
±1.1
Reverse Isolation
dB
16
Noise Figure (max)
dB
1.5
2.5
3.0
Power Output
@ 1 dB comp. (min)
dBm
18.0
16.5
16.0
IP3
dBm
+30
IP2
dBm
+45
Second Order Harmonic IP
dBm
+50
VSWR Input / Output (max)
1.9:1 / 1.9:1
2.1:1 / 2.1:1
2.2:1 / 2.2:1
DC Current @ 5 Volts (max)
mA
58
65
70
Features
 LOW NOISE FIGURE: 1.5 dB (TYP.)
 MEDIUM OUTPUT POWER: +18 dBm (TYP.)
 HIGH EFFICIENCY: 58 mA (TYP.) @ +5 Vdc
 PHEMT AMPLIFIER
Description
The A6011 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
This single stage GaAs FET feedback amplifier design displays
impressive performance characteristics over a broadband
frequency range. An RF choke is used for DC power supply
decoupling.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A6011
TO-8
SMA6011
Surface Mount
CA6011 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +150ºC
Case Temperature
125ºC
DC Voltage
+7 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
0.25 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +5 VDC
Parameter
Rating
Thermal Resistance θjc
47ºC/W
Transistor Power Dissipation Pd
0.2 W
Junction Temperature Rise
Above Case Tjc
+9.4ºC
* Over temperature performance limits for part number CA6011, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A6011

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A6011 MACOM-A6011 Datasheet
105Kb / 1P
   2000 TO 6000 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
A6011 ETC1-A6011 Datasheet
104Kb / 1P
   2000 TO 6000 MHz CASCADABLE AMPLIFIER
logo
Tyco Electronics
A6011 MACOM-A6011 Datasheet
374Kb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
logo
M/A-COM Technology Solu...
A6011 MA-COM-A6011 Datasheet
1Mb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
A6011-SMA6011 MA-COM-A6011-SMA6011 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results

Similar Description - A6011

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A6011 MACOM-A6011_1 Datasheet
374Kb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
logo
M/A-COM Technology Solu...
RA62 MA-COM-RA62 Datasheet
1Mb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
A6011 MA-COM-A6011 Datasheet
1Mb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
logo
Tyco Electronics
RA62 MACOM-RA62 Datasheet
356Kb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
A6011 MACOM-A6011 Datasheet
105Kb / 1P
   2000 TO 6000 MHz CASCADABLE AMPLIFIER
RA63-1 MACOM-RA63-1 Datasheet
492Kb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
logo
M/A-COM Technology Solu...
RA63-1 MA-COM-RA63-1 Datasheet
1Mb / 3P
   Cascadable Amplifier 2000 to 6000 MHz
logo
List of Unclassifed Man...
A6011 ETC1-A6011 Datasheet
104Kb / 1P
   2000 TO 6000 MHz CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
   2000-6000 MHz 2000-6000 MHz
A2CP6008 TELEDYNE-A2CP6008 Datasheet
109Kb / 1P
   2000-6000 MHz COUGARPAK ??AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com