Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0848BCV Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0848BCV
Description  8-Bit uP Compatible A/D Converters with Multiplexer Options
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0848BCV Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC0848BCV Datasheet HTML 6Page - National Semiconductor (TI) ADC0848BCV Datasheet HTML 7Page - National Semiconductor (TI) ADC0848BCV Datasheet HTML 8Page - National Semiconductor (TI) ADC0848BCV Datasheet HTML 9Page - National Semiconductor (TI) ADC0848BCV Datasheet HTML 10Page - National Semiconductor (TI) ADC0848BCV Datasheet HTML 11Page - National Semiconductor (TI) ADC0848BCV Datasheet HTML 12Page - National Semiconductor (TI) ADC0848BCV Datasheet HTML 13Page - National Semiconductor (TI) ADC0848BCV Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Applications Information (Continued)
2.0 REFERENCE CONSIDERATIONS
The voltage applied to the reference input of these convert-
ers defines the voltage span of the analog input (the differ-
ence between V
IN(MAX) and VIN(MIN)) over which the 256
possible output codes apply. The devices can be used in ei-
ther ratiometric applications or in systems requiring absolute
accuracy. The reference pin must be connected to a voltage
source capable of driving the minimum reference input resis-
tance of 1.1 k
Ω. This pin is the top of a resistor divider string
used for the successive approximation conversion.
In a ratiometric system (
Figure 2a), the analog input voltage
is proportional to the voltage used for the A/D reference. This
voltage is typically the system power supply, so the V
REF pin
can be tied to V
CC. This technique relaxes the stability re-
quirements of the system reference as the analog input and
A/D reference move together maintaining the same output
code for a given input condition.
For absolute accuracy (
Figure 2b), where the analog input
varies between very specific voltage limits, the reference pin
can be biased with a time and temperature stable voltage
source. The LM385 and LM336 reference diodes are good
low current devices to use with these converters.
The maximum value of the reference is limited to the V
CC
supply voltage. The minimum value, however, can be quite
small (see Typical Performance Characteristics) to allow di-
rect conversions of transducer outputs providing less than a
5V output span. Particular care must be taken with regard to
noise pickup, circuit layout and system error voltage sources
when operating with a reduced span due to the increased
sensitivity of the converter (1 LSB equals V
REF/256).
3.0 THE ANALOG INPUTS
3.1 Analog Differential Voltage Inputs and
Common-Mode Rejection
The differential input of these converters actually reduces
the effects of common-mode input noise, a signal common
to both selected “+” and “−” inputs for a conversion (60 Hz is
most typical). The time interval between sampling the “+” in-
put and then the “−” inputs is 12 of a clock period. The
change in the common-mode voltage during this short time
interval can cause conversion errors. For a sinusoidal
common-mode signal this error is:
where f
CM is the frequency of the common-mode signal,
V
peak is its peak voltage value and tC is the conversion time.
For a 60 Hz common-mode signal to generate a 14 LSB error
(
≈5 mV) with the converter running at 40 µS, its peak value
would have to be 5.43V. This large a common-mode signal is
much greater than that generally found in a well designed
data acquisition system.
4 Single-Ended
DS005016-12
2 Differential
DS005016-13
3 Pseudo-Differential
DS005016-14
Combined
DS005016-15
FIGURE 1. Analog Input Multiplexer Options
DS005016-38
www.national.com
10


Similar Part No. - ADC0848BCV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0848BCV TI1-ADC0848BCV Datasheet
2Mb / 25P
[Old version datasheet]   ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0848BCV TI1-ADC0848BCV Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0848BCV/NOPB TI1-ADC0848BCV/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0848BCVX TI1-ADC0848BCVX Datasheet
2Mb / 25P
[Old version datasheet]   ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0848BCVX/NOPB TI1-ADC0848BCVX/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
More results

Similar Description - ADC0848BCV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0808 NSC-ADC0808 Datasheet
264Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_07 Datasheet
394Kb / 16P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_95 Datasheet
348Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0816 NSC-ADC0816 Datasheet
245Kb / 13P
   8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
logo
Texas Instruments
ADC0844 TI1-ADC0844_14 Datasheet
2Mb / 25P
[Old version datasheet]   ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0808-N TI1-ADC0808-N_17 Datasheet
533Kb / 19P
[Old version datasheet]   8-Bit Compatible A/D Converters with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com