Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13296-340LF Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY13296-340LF
Description  GaAs SP4T Absorptive Switch 20 MHz??.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13296-340LF Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY13296-340LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13296-340LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13296-340LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13296-340LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13296-340LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13296-340LF Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
September 18, 2007 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200613 Rev. B
DATA SHEET • SKY13296-340LF
4
VDD
VCTL 1
VCTL 2
RFc-J1
RFc-J2
RFc-J3
RFc-J4
10
0
Ins. Loss
Isolation
Isolation
Isolation
11
0
Isolation
Ins. Loss
Isolation
Isolation
10
1
Isolation
Isolation
Ins. Loss
Isolation
11
1
Isolation
Isolation
Isolation
Ins. Loss
Truth Table
J4
GND 4
GND 3
J3
GND
J1
GND 1
GND 2
J2
VCTL1
1
2
3
4
5
15
14
13
12
11
67
8
9
10
20
19
18
17
16
Pin Out
(Top View X-ray of Pads on Bottom of Package)
Pin
Symbol
Description
1J4
RF port. Must be DC blocked with a capacitor
appropriate for lowest frequency of operation
2
GND 4
AC Ground for J4 RF port. Must be DC blocked using
a capacitor appropriate for lowest frequency of
desired input return loss on J4 port
3
GND 3
AC Ground for J3 RF port. Must be DC blocked using
a capacitor appropriate for lowest frequency of
desired input return loss on J3 port
4J3
RF port. Must be DC blocked with a capacitor
appropriate for lowest frequency of operation
5
GND
DC Ground
6VDD
Supply voltage for decoder
7
GND
DC Ground
8
GND
DC Ground
9
GND
DC Ground
11
VCTL 1
DC control voltage applied to decoder
10
VCTL 2
DC control voltage applied to decoder
12
J2
RF port. Must be DC blocked with a capacitor
appropriate for lowest frequency of operation
13
GND 2
AC Ground for J2 RF port. Must be DC blocked using
a capacitor appropriate for lowest frequency of
desired input return loss on J2 port
14
GND 1
AC Ground for J1 RF port. Must be DC blocked using
a capacitor appropriate for lowest frequency of
desired input return loss on J1 port
15
J1
RF port. Must be DC blocked with a capacitor
appropriate for lowest frequency of operation
16
GND
DC Ground
17
GND
DC Ground
18
RFc
RF common port. Must be DC blocked with a
capacitor appropriate for lowest frequency
of operation
19
GND
DC Ground
20
GND
DC Ground
Exposed
DC Ground
Paddle
Pin Assignments
Characteristic
Value
VDD voltage range
2.75 < VDD < 5.5 V
RF input power @ 5.5 V
1 W, f > 500 MHz
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +150 °C
Absolute Maximum Ratings
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
DC blocks are required on RFc, J1, J2, J3, J4.
Floating caps are required on Gnd 1, Gnd 2, Gnd 3, Gnd 4.
VDD must be powered on prior to a VCTL hgih signal.
“0” = 0 to 0.2 V.
“1” = 2.75 to VDD V.
VDD = 3 V to 5 V.


Similar Part No. - SKY13296-340LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13290-313LF SKYWORKS-SKY13290-313LF Datasheet
220Kb / 6P
   PHEMT 10 W SPDT Switch 500 MHz-2.5 GHz
SKY13292-365LF SKYWORKS-SKY13292-365LF Datasheet
1Mb / 14P
   4 x 2 Switch Matrix with Tone/Voltage Decoder 250 MHz-2.15 GHz
SKY13298-360LF SKYWORKS-SKY13298-360LF Datasheet
455Kb / 5P
   GaAs SP2T Switch for Ultra Wideband (UWB) 3 - 8 GHz
SKY13299-321LF SKYWORKS-SKY13299-321LF Datasheet
277Kb / 5P
   GaAs SPDT 7 W Switch 100 MHz-4 GHz
SKY13299-321LF SKYWORKS-SKY13299-321LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY13296-340LF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW15-0314 MACOM-SW15-0314 Datasheet
228Kb / 3P
   GaAs SP4T Absorptive Switch, DC - 3 GHz
logo
M/A-COM Technology Solu...
MASWCC0009 MA-COM-MASWCC0009_15 Datasheet
864Kb / 7P
   GaAs SP4T Switch, Absorptive DC - 3.0 GHz
MASWCC0009_V7 MA-COM-MASWCC0009_V7 Datasheet
175Kb / 6P
   GaAs SP4T Switch, Absorptive
MASWCC0009 MA-COM-MASWCC0009 Datasheet
175Kb / 6P
   GaAs SP4T Switch, Absorptive
logo
Tyco Electronics
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
   GaAs SP4T Absorptive Switch, DC-3.0 GHz
SW-314 MACOM-SW-314 Datasheet
229Kb / 3P
   GaAs SP4T Absorptive Switch, DC - 3 GHz
logo
M/A-COM Technology Solu...
SW15-0314 MA-COM-SW15-0314 Datasheet
117Kb / 4P
   GaAs SP4T Absorptive Switch, DC-3.0 GHz
SW65-0440 MA-COM-SW65-0440 Datasheet
180Kb / 6P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
logo
Tyco Electronics
MASWCC0010 MACOM-MASWCC0010 Datasheet
238Kb / 5P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
M/A-COM Technology Solu...
SW90-0003 MA-COM-SW90-0003 Datasheet
152Kb / 5P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com