Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13306-313LF Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY13306-313LF
Description  GaAs SPDT Switch 100 MHz?? GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13306-313LF Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY13306-313LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13306-313LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13306-313LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13306-313LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13306-313LF Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
April 11, 2008 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200745 Rev. C
DATA SHEET • SKY13306-313LF
4
12˚ Max.
3
2
1
0.118
(3.00 mm)
BSC
0.35 ± 0.08 mm
0.05 ± 0.05
0.29 x 0.35
0.039
(1.00 mm) Max.
0.001
(0.025 mm)
± 0.001
(0.025 mm)
Top View
Side View
Bottom View
6
5
4
0.078 (2.00 mm)
BSC
3
2
1
6
5
4
1.02
0.95 BSC
0.64 BSC
Pin 1
Indicator
QFN-6
CBL
CBL
V1
J1
V2
J2
GND
J3
CBL
3
2
1
6
5
4
Pin Out and Suggested Circuit
DC blocking capacitors (CBL) must be supplied externally.
CBL = 15 pF.


Similar Part No. - SKY13306-313LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13309-370LF SKYWORKS-SKY13309-370LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY13306-313LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13278-313LF SKYWORKS-SKY13278-313LF Datasheet
261Kb / 6P
   GaAs SPDT Switch 100 MHz-2.5 GHz
SKY13270-92LF SKYWORKS-SKY13270-92LF Datasheet
212Kb / 5P
   GaAs SPDT Switch 100 MHz-2.5 GHz
logo
Analog Devices
HMC232A AD-HMC232A Datasheet
1Mb / 12P
   GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
logo
Skyworks Solutions Inc.
SKY13299-321LF SKYWORKS-SKY13299-321LF Datasheet
277Kb / 5P
   GaAs SPDT 7 W Switch 100 MHz-4 GHz
SKY13286-359LF SKYWORKS-SKY13286-359LF Datasheet
551Kb / 5P
   GaAs High Isolation SPDT Absorptive Switch 100 MHz-6 GHz
logo
Analog Devices
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
   High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
HMC349AMS8G AD-HMC349AMS8G Datasheet
750Kb / 10P
   High Isolation, Nonreflective, GaAs, SPDT Switch,100 MHz to 4 GHz
logo
Skyworks Solutions Inc.
SKY13587-378LF SKYWORKS-SKY13587-378LF Datasheet
849Kb / 9P
   20 MHz to 6.0 GHz GaAs SPDT Switch
logo
Peregrine Semiconductor
PE42424 PSEMI-PE42424 Datasheet
1Mb / 11P
   UltraCMOS SPDT RF Switch 100 MHz?? GHz
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
   UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com