Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13345-368LF Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SKY13345-368LF
Description  0.1 to 3.5 GHz SP3T Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13345-368LF Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SKY13345-368LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13345-368LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13345-368LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13345-368LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13345-368LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13345-368LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13345-368LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY13345-368LF Datasheet HTML 10Page - Skyworks Solutions Inc. SKY13345-368LF Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DATA SHEET • SKY13345-368LF: 0.1 TO 3.5 GHz SP3T SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
September 15, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201194E
J2
J1
RFC
J3
S1813
Figure 9. SKY13345-368LF Evaluation Board Assembly Diagram
16X 0.71
16X 0.44
2X 0.46
16X 0.20
0.40 Pitch
2X 0.46
Exposed Solder
Area, Typical
Part Outline
R0.20
Pin 1 Indicator
All measurements in millimeters
S1802
Figure 10. SKY13345-368LF PCB Layout Footprint
(Top View)


Similar Part No. - SKY13345-368LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13345-368LF SKYWORKS-SKY13345-368LF Datasheet
528Kb / 12P
   SKY13345-368LF 0.1-3.5 GHz SP3T Switch
More results

Similar Description - SKY13345-368LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13385-460LF SKYWORKS-SKY13385-460LF Datasheet
727Kb / 10P
   0.1 to 3.5 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF Datasheet
528Kb / 12P
   SKY13345-368LF 0.1-3.5 GHz SP3T Switch
SKYA21062 SKYWORKS-SKYA21062 Datasheet
947Kb / 10P
   0.1 to 6.0 GHz SP3T Switch
November 18, 2022
SKY13588-460LF SKYWORKS-SKY13588-460LF Datasheet
739Kb / 9P
   0.1 to 6.0 GHz SP3T Switch
SKY13373-460LF SKYWORKS-SKY13373-460LF_15 Datasheet
748Kb / 9P
   0.1 to 6.0 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955 Datasheet
135Kb / 4P
   GaAs SP3T Switch DC - 3.5 GHz
logo
California Eastern Labs
CG2430X1 CEL-CG2430X1_17 Datasheet
788Kb / 10P
   0.1 to 6.0GHz SP3T Switch
CG2430X1 CEL-CG2430X1_16 Datasheet
835Kb / 9P
   0.1 to 6.0GHz SP3T Switch
CG2430X1 CEL-CG2430X1 Datasheet
831Kb / 8P
   0.1 to 6.0GHz SP3T Switch
logo
Skyworks Solutions Inc.
SKY13373-460LF SKYWORKS-SKY13373-460LF Datasheet
521Kb / 10P
   SKY13373-460LF 0.1-6.0 GHz SP3T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com