Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13384-350LF-EVB Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY13384-350LF-EVB
Description  0.02 to 4.0 GHz High Isolation SP4T Absorptive Switch with Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13384-350LF-EVB Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY13384-350LF-EVB Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13384-350LF-EVB Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13384-350LF-EVB Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13384-350LF-EVB Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13384-350LF-EVB Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13384-350LF-EVB Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13384-350LF-EVB Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13384-350LF-EVB Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13384-350LF-EVB Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201529C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • November 6, 2015
1
DATA SHEET
SKY13384-350LF: 0.02 to 4.0 GHz High Isolation SP4T
Absorptive Switch with Decoder
Applications
 GSM/CDMA/WCDMA/TD-SCDMA/TD-LTE cellular infrastructure
Features
 Broadband frequency range: 0.02 GHz to 4.0 GHz
 Low insertion loss: 0.70 dB @ 2 GHz
 Typical isolation: 40 dB @ 2 GHz
 Positive voltage control: 0/3 V to 0/5 V
 Isolated ports are absorptive
 Small, QFN (16-pin, 3 x 3 mm) package
(MSL1, 260
C per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
S2441
RF4
1
2
3
4
5
6
78
16
15
14
13
12
11
10
9
GND
GND
RF3
RF1
GND
GND
RF2
Figure 2. SKY13384-350LF Pinout
(Top View)
RF1
RF2
RF3
ANT
RF4
CTRL1
CTRL2
Figure 1. SKY13384-350LF Block Diagram
Description
The SKY13384-350LF is a symmetrical, single-pole, four-throw
(SP4T) switch. The switch is intended for
GSM/CDMA/WCDMA/TD-SCDMA/TD-LTE cellular infrastructure
applications. The impedance of the RF ports in isolation is 50
Ω.
The SKY13384-350LF is manufactured using Skyworks state-of-
the-art GaAs pHEMT process. The SKY13384-350LF features
integrated logic that uses only two control lines for switch
operation.
The SKY13384-350LF SP4T switch is provided in a compact Quad
Flat No-Lead (QFN) 3 x 3 mm package. A functional block
diagram is shown in Figure 1. The pin configuration and package
are shown in Figure 2. Signal pin assignments and functional pin
descriptions are provided in Table 1.


Similar Part No. - SKY13384-350LF-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13385-460LF SKYWORKS-SKY13385-460LF Datasheet
727Kb / 10P
   0.1 to 3.5 GHz SP3T Switch
SKY13385-460LF-EVB SKYWORKS-SKY13385-460LF-EVB Datasheet
727Kb / 10P
   0.1 to 3.5 GHz SP3T Switch
SKY13388-465LF SKYWORKS-SKY13388-465LF Datasheet
859Kb / 9P
   0.1 to 2.7 GHz SP4T Switch with Integrated Logic Decoder
SKY13388-465LF-EVB SKYWORKS-SKY13388-465LF-EVB Datasheet
859Kb / 9P
   0.1 to 2.7 GHz SP4T Switch with Integrated Logic Decoder
More results

Similar Description - SKY13384-350LF-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13392-359LF SKYWORKS-SKY13392-359LF Datasheet
980Kb / 10P
   0.02-4.0 GHz High Isolation SP4T Absorptive Switch With Decoder
logo
M/A-COM Technology Solu...
MASW-010350 MA-COM-MASW-010350 Datasheet
193Kb / 6P
   SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz Integral CMOS Decoder
logo
List of Unclassifed Man...
MASW-010350 ETC1-MASW-010350 Datasheet
200Kb / 7P
   SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
Qorvo, Inc
QPC6044 QORVO-QPC6044 Datasheet
1Mb / 12P
   5MHz to 6GHz Absorptive High Isolation SP4T Switch
April 9, 2020
logo
Tyco Electronics
MASWCC0010 MACOM-MASWCC0010 Datasheet
238Kb / 5P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
M/A-COM Technology Solu...
SW90-0003 MA-COM-SW90-0003 Datasheet
152Kb / 5P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0010 MA-COM-MASWCC0010 Datasheet
152Kb / 5P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
Tyco Electronics
SW-369-PIN MACOM-SW-369-PIN Datasheet
131Kb / 3P
   Matched GaAs SP4T Switch, 0.02 - 2 GHz
logo
Skyworks Solutions Inc.
SKY13524-639LF SKYWORKS-SKY13524-639LF Datasheet
535Kb / 10P
   0.7 to 3.0 GHz High Isolation SP4T Switch
logo
M/A-COM Technology Solu...
SW-369-PIN MA-COM-SW-369-PIN Datasheet
50Kb / 3P
   Matched GaAs SP4T Switch, 0.02 - 2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com