Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08234BIWM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08234BIWM
Description  8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08234BIWM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC08234BIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC08234BIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC08234BIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC08234BIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC08234BIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC08234BIWM Datasheet HTML 11Page - National Semiconductor (TI) ADC08234BIWM Datasheet HTML 12Page - National Semiconductor (TI) ADC08234BIWM Datasheet HTML 13Page - National Semiconductor (TI) ADC08234BIWM Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Timing Diagrams (Continued)
ADC08231 Timing
TLH11015 – 13
LSB first output not available on ADC08231
LSB information is maintained for remainder of clock periods until CS goes high
To reset the ADC08231 CLK and CS must be simultaneusly high for a period of tSELECT or greater The ADC08231 also has one extra clock period for sampling
the analog signal (tca) Otherwise it is compatible with the ADC0831
ADC08234 Timing
TLH11015 – 14
To reset the ADC08234 CLK and CS must be simultaneously high for a period of tSELECT or greater The ADC08234 also has one extra clock period for sampling
the analog signal (tca) Otherwise it is compatible with the ADC0834
10


Similar Part No. - ADC08234BIWM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08234 TI1-ADC08234 Datasheet
646Kb / 26P
[Old version datasheet]   8-Bit 2 Mus Serial I/O A/D Converters
More results

Similar Description - ADC08234BIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
logo
Texas Instruments
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08031 NSC-ADC08031 Datasheet
509Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options,
Voltage Reference, and Track/Hold Function
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com