Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1040479 Datasheet(PDF) 3 Page - SICK AG

Part # 1040479
Description  LONG RANGE DISTANCE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1040479 Datasheet(HTML) 3 Page - SICK AG

  1040479 Datasheet HTML 1Page - SICK AG 1040479 Datasheet HTML 2Page - SICK AG 1040479 Datasheet HTML 3Page - SICK AG 1040479 Datasheet HTML 4Page - SICK AG 1040479 Datasheet HTML 5Page - SICK AG 1040479 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS500-P511 | Dx500
LONG RANGE DISTANCE SENSORS
Ambient data
Enclosure rating
IP 65
Protection class
II 1)
Electromagnetic compatibility (EMC)
EN 61000-6-2, EN 55011
EN 60947-5-7: 2003-9
Ambient temperature
Operation: –10 °C ... +45 °C
Operation with cooling case: –10 °C ... +75 °C
Storage: –25 °C ... +75 °C
Temperature drift
Typ. 0.05 mm/K
Mechanical load
Shock: EN 600 68-2-27
Sine: EN 600 68-2-6
Noise: EN 600 68-2-64
1) Reference voltage DC 32 V.
Dimensional drawing (Dimensions in mm (inch))
69 (2.72)
26
(1.02)
110 (4.33)
approx.
20
(0.79)
153 (6.02)
146 (5.75)
15
(0.59)
105 (4.13)
49 (1.93)
104 (4.09)
Ø 9
(0.35)
1
2
3
4
5
①  Optical axis, sender
②  Optical axis, receiver
③  Male connector M12, 5-pin
④  Zero level
⑤  Fixing hole
Connection type
Male connector M12, 5-pin
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3


Similar Part No. - 1040479

ManufacturerPart #DatasheetDescription
logo
SICK AG
1040470 SICK-1040470 Datasheet
580Kb / 7P
   LONG RANGE DISTANCE SENSORS
logo
Molex Electronics Ltd.
1040470490 MOLEX11-1040470490 Datasheet
99Kb / 2P
   2.00mm (.079") Pitch Wire-to-Board Crimp Housing, Single Row, 4 Circuits
logo
SICK AG
1040471 SICK-1040471 Datasheet
572Kb / 6P
   LONG RANGE DISTANCE SENSORS
1040472 SICK-1040472 Datasheet
580Kb / 7P
   LONG RANGE DISTANCE SENSORS
1040473 SICK-1040473 Datasheet
580Kb / 7P
   LONG RANGE DISTANCE SENSORS
More results

Similar Description - 1040479

ManufacturerPart #DatasheetDescription
logo
SICK AG
DL100-22AA2102 SICK-DL100-22AA2102 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
DME4000-119 SICK-DME4000-119 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DME4000-314 SICK-DME4000-314 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME4000-327 SICK-DME4000-327 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-123 SICK-DME5000-123 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-212 SICK-DME5000-212 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-11AA2110 SICK-DL100-11AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2101 SICK-DL100-12AA2101 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2110 SICK-DL100-12AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-13HA2112 SICK-DL100-13HA2112 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-21AA2109 SICK-DL100-21AA2109 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com