Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ50002 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ50002
Description  Low-Cost 5-V Wireless Power Transmitter Analog Front
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ50002 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ50002 Datasheet HTML 5Page - Texas Instruments BQ50002 Datasheet HTML 6Page - Texas Instruments BQ50002 Datasheet HTML 7Page - Texas Instruments BQ50002 Datasheet HTML 8Page - Texas Instruments BQ50002 Datasheet HTML 9Page - Texas Instruments BQ50002 Datasheet HTML 10Page - Texas Instruments BQ50002 Datasheet HTML 11Page - Texas Instruments BQ50002 Datasheet HTML 12Page - Texas Instruments BQ50002 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
tS
tT
HIGH State
HIGH State
tS
tS
tS
tT
Modulation Depth
100%
LO State
LO State
bq50002
www.ti.com
SLUSBW1A – OCTOBER 2015 – REVISED OCTOBER 2015
7.3 Feature Description
7.3.1 Demodulator
The embedded demodulator outputs at least one valid bit stream under all modulation conditions that can be
used by the accompanied bq500511 controller in order to comply with WPC specification.
More specifically, the WPC worst case condition is defined as the transmitter operating at the minimum
modulation level, and the receiver coil is measured by certain x, y and z axis distance to the center of the
transmitter coil.
Analog demodulation channel function diagram:
The diagram below from the WPC spec document explains the concept of Minimum Modulation. The peak-to-
peak amplitude difference in TX coil waveform between HI and LO states is 400 mV. With 20-Vpp carrier
waveform, and 400-mVpp modulation, with a typical divider it translates to 1 Vpp ±20 mVpp at the input of the
demodulator channel.
The difference of the amplitude of the primary cell voltage in the HI and LO state is at least 200 mV.
During a transition the primary cell current and primary cell voltages are undefined. See Figure 3.
Figure 3. Amplitude Modulation of the Power Signal
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: bq50002


Similar Part No. - BQ50002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ50002A TI1-BQ50002A Datasheet
3Mb / 27P
[Old version datasheet]   Low-Cost 5-V Wireless Power Transmitter Analog Front
BQ50002ARHBR TI1-BQ50002ARHBR Datasheet
3Mb / 27P
[Old version datasheet]   Low-Cost 5-V Wireless Power Transmitter Analog Front
BQ50002ARHBT TI1-BQ50002ARHBT Datasheet
3Mb / 27P
[Old version datasheet]   Low-Cost 5-V Wireless Power Transmitter Analog Front
More results

Similar Description - BQ50002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ50002A TI1-BQ50002A Datasheet
3Mb / 27P
[Old version datasheet]   Low-Cost 5-V Wireless Power Transmitter Analog Front
BQ500511A TI1-BQ500511A Datasheet
139Kb / 7P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
BQ500511 TI1-BQ500511 Datasheet
1Mb / 30P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
BQ500211A TI-BQ500211A Datasheet
1,010Kb / 27P
[Old version datasheet]   5-V, WPC1.1 Compliant Wireless Power Transmitter Manager
BQ500211 TI1-BQ500211 Datasheet
778Kb / 26P
[Old version datasheet]   5-V, Qi Compliant Wireless Power Transmitter Manager
logo
Analog Devices
AD74322 AD-AD74322 Datasheet
123Kb / 20P
   Low Cost, Low Power Stereo Audio Analog Front End
REV. Pr D 03/00
logo
NXP Semiconductors
NXQ1TXL5 NXP-NXQ1TXL5 Datasheet
166Kb / 17P
   Low-cost one-chip 5 V Qi compliant transmitter
Rev. 1-8 April 2016
logo
Analog Devices
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
logo
NXP Semiconductors
NXQ1TXA5_SDS PHILIPS-NXQ1TXA5_SDS Datasheet
143Kb / 15P
   One-chip 5 V Qi wireless transmitter
Rev.1.2-10 September 2015
NXQ1TXA5 NXP-NXQ1TXA5 Datasheet
143Kb / 15P
   One-chip 5 V Qi wireless transmitter
Rev.1.2-10 September 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com