Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3632A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3632A
Description  Single-Chip Backlight With Bias Power and 1.5-A Flash LED Driver
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3632A Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3632A Datasheet HTML 7Page - Texas Instruments LM3632A Datasheet HTML 8Page - Texas Instruments LM3632A Datasheet HTML 9Page - Texas Instruments LM3632A Datasheet HTML 10Page - Texas Instruments LM3632A Datasheet HTML 11Page - Texas Instruments LM3632A Datasheet HTML 12Page - Texas Instruments LM3632A Datasheet HTML 13Page - Texas Instruments LM3632A Datasheet HTML 14Page - Texas Instruments LM3632A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
VIN (V)
2.5
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
D048
TA = -40°C
TA = 25°C
TA = 85°C
VIN (V)
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
D031
TA = -40GC
TA = 25GC
TA = 85GC
Step (DEC)
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
D029
TA = -40GC
TA = 25GC
TA = 85GC
VIN (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
0.350
0.355
0.360
0.365
0.370
0.375
0.380
0.385
0.390
0.395
0.400
D030
TA = -40GC
TA = 25GC
TA = 85GC
VIN (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
1.40
1.44
1.48
1.52
1.56
1.60
D027
TA = -40GC
TA = 25GC
TA = 85GC
VIN (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
0.85
D028
TA = -40GC
TA = 25GC
TA = 85GC
LM3632A
www.ti.com
SNVSA63A – APRIL 2015 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
Ambient temperature is 25°C and VIN is 3.7 V unless otherwise noted.
IFLED = 1.5 A
ƒ = 4 MHz
IFLED = 0.8 A
f = 4 MHz
Figure 14. Flash LED Current
Figure 15. Flash LED Current
ƒ = 4MHz
IFLED = 375 mA
ƒ = 4 MHz
Figure 16. Torch LED Current
Figure 17. Torch LED Current
IFLED = 1.5 A
ƒ = 4 MHz
VFLED = 4 V
VEN = 0 V
I2C = 0 V
Figure 18. Flash Headroom Voltage
Figure 19. Iq Shutdown
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3632A


Similar Part No. - LM3632A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM363 NSC-LM363 Datasheet
452Kb / 22P
   LM363 Precision Instrumentation Amplifier
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI-LM3630ATME Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI1-LM3630ATME Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630ATMX TI-LM3630ATMX Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
More results

Similar Description - LM3632A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3639A TI-LM3639A Datasheet
518Kb / 28P
[Old version datasheet]   Single Chip 40V Backlight 1.5A Flash LED Driver
logo
Analog Devices
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
logo
Texas Instruments
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Kinetic Technologies.
KTZ8863A KINETIC-KTZ8863A Datasheet
155Kb / 2P
   High Efficiency 3-CH LED Backlight Driver with Dual LCD Bias Power
October 2020 - Revision 04b
KTZ8866 KINETIC-KTZ8866 Datasheet
1Mb / 37P
   High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
January 2022 - Revision 04b
KTZ8864A KINETIC-KTZ8864A Datasheet
1Mb / 37P
   High Efficiency 4-CH LED Backlight Driver with Dual LCD Bias Power
November 2021 - Revision 04b
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com