Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3642TLE-LT Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3642TLE-LT
Description  Synchronous Boost LED Flash Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3642TLE-LT Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3642TLE-LT Datasheet HTML 2Page - Texas Instruments LM3642TLE-LT Datasheet HTML 3Page - Texas Instruments LM3642TLE-LT Datasheet HTML 4Page - Texas Instruments LM3642TLE-LT Datasheet HTML 5Page - Texas Instruments LM3642TLE-LT Datasheet HTML 6Page - Texas Instruments LM3642TLE-LT Datasheet HTML 7Page - Texas Instruments LM3642TLE-LT Datasheet HTML 8Page - Texas Instruments LM3642TLE-LT Datasheet HTML 9Page - Texas Instruments LM3642TLE-LT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SCL
SDA_IN
SDA_OUT
t 5
t 1
t 4
t 3
t
2
LM3642
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
www.ti.com
6.6 Timing Requirements
See Figure 1.
MIN
NOM
MAX
UNIT
t1
SCL clock frequency
2.4
ns
t2
Data In setup time to SCL High
100
ns
t3
Data out stable after SCL Low
0
ns
t4
SDA low setup time to SCL low (start)
100
ns
t5
SDA high hold time after SCL high (stop)
100
ns
Figure 1. I2C-Compatible Interface Specifications
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM3642


Similar Part No. - LM3642TLE-LT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
More results

Similar Description - LM3642TLE-LT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Texas Instruments
LM3560 TI1-LM3560_14 Datasheet
3Mb / 48P
[Old version datasheet]   Synchronous Boost Flash Driver
LM3559 TI1-LM3559_16 Datasheet
4Mb / 50P
[Old version datasheet]   Synchronous Boost Flash Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
   2A, Synchronous Boost Flash LED Driver with I2C Interface
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com