Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3648 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3648
Description  Synchronous Boost LED Flash Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3648 Datasheet(HTML) 1 Page - Texas Instruments

  LM3648 Datasheet HTML 1Page - Texas Instruments LM3648 Datasheet HTML 2Page - Texas Instruments LM3648 Datasheet HTML 3Page - Texas Instruments LM3648 Datasheet HTML 4Page - Texas Instruments LM3648 Datasheet HTML 5Page - Texas Instruments LM3648 Datasheet HTML 6Page - Texas Instruments LM3648 Datasheet HTML 7Page - Texas Instruments LM3648 Datasheet HTML 8Page - Texas Instruments LM3648 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
IN
HWEN
LM3648
SDA
SCL
SW
OUT
LED
STROBE
TORCH/
TEMP
GND
TX
10 2F
10 2F
C2
L1
C1
D1
2P/2C
VIN
2.5V J 5.5V
1 2H
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3648, LM3648TT
SNVSA68B – OCTOBER 2014 – REVISED SEPTEMBER 2015
LM3648 Synchronous Boost LED Flash Driver with 1.5-A High-Side Current Source
1 Features
3 Description
The LM3648 is an LED flash driver that provides a
1
1.5-A LED Current Source Programmability
high level of adjustability within a small solution size.
Accurate and Programmable LED Current Range
The LM3648 utilizes a 2-MHz or 4-MHz fixed-
from 1.954 mA to 1.5 A
frequency synchronous boost converter to provide
Torch Currents up to 500 mA (LM3648TT)
power to the 1.5-A constant current LED source. An
adaptive regulation method ensures the current
Flash Timeout Values up to 1.6 Seconds
source
remains
in
regulation
and
maximizes
(LM3648TT)
efficiency.
Optimized Flash LED Current During Low Battery
Features of the LM3648 are controlled via an I2C-
Conditions (IVFM)
compatible
interface.
These
features
include:
> 85% Efficiency in Torch Mode (at 100 mA) and
hardware flash and hardware torch pins (STROBE
Flash Mode (at 1 A to 1.5 A)
and TORCH/TEMP), a TX interrupt, and an NTC
Grounded Cathode LED Operation for Improved
thermistor
monitor.
The
device
offers
64
Thermal Management
programmable currents in Flash and 128 levels in
Movie Mode (Torch) condition.
Small Solution Size: < 16 mm2
Hardware Strobe Enable (STROBE)
The 2-MHz or 4-MHz switching frequency options,
overvoltage protection (OVP), and adjustable current
Synchronization Input for RF Power Amplifier
limit allow for the use of tiny, low-profile inductors and
Pulse Events (TX)
(10-µF) ceramic capacitors. The device operates over
Hardware Torch Enable (TORCH/TEMP)
a –40°C to +85°C ambient temperature range.
Remote NTC Monitoring (TORCH/TEMP)
Device Information(1)
400-kHz I2C-Compatible Interface
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM3648 (I2C Address = 0x63)
LM3648
DSBGA (12)
1.69 mm x 1.31 mm
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Camera Phone White LED Flash
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3648

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
LM3641M NSC-LM3641M Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3642TLE TI1-LM3642TLE Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3642TLE-LT TI1-LM3642TLE-LT Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
More results

Similar Description - LM3648

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Texas Instruments
LM3560 TI1-LM3560_14 Datasheet
3Mb / 48P
[Old version datasheet]   Synchronous Boost Flash Driver
LM3559 TI1-LM3559_16 Datasheet
4Mb / 50P
[Old version datasheet]   Synchronous Boost Flash Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
   2A, Synchronous Boost Flash LED Driver with I2C Interface
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com